Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PPCA-F32K Datasheet(PDF) 23 Page - 3M Electronics

Part # VOL-PPCA-F32K
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PPCA-F32K Datasheet(HTML) 23 Page - 3M Electronics

Back Button VOL-PPCA-F32K Datasheet HTML 19Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 20Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 21Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 22Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 23Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 24Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 25Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 26Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 27Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
1
21
1.1
Copper Cabling
1.1.2
Volition™ RJ45 Giga Patch Panels
Type/Order Text
Ref.-No.
Plate for 8, RJ45 Outlets on a 50x50 Support
Connectors and screws not supplied. Anodised aluminium
Volition™ 19" x 2U x 8 Plate for 8 x RJ45 Giga Outlets
27181200
(on a 50x50 support)
Box for 7, 50x50 Outlets
Box complete with mounting accessories for assembly in a 19" rack, cabinet or box. Accepts all types
of 50x50 faceplates. Connectors not supplied, screws supplied, anodised aluminium
Volition™ 19" x 2U x 50 Box for 7 x RJ45 50x50 Giga Outlets
P28070AA
Box for 8, 45x45 Outlets
Box complete with mounting accessories for assembly in a 19" rack, cabinet or box. Accepts all types
of 45x45 faceplates. Connectors not supplied, screws supplied, anodised aluminium
Volition™ 19" x 2U x 50 Box for 8 x RJ45 45x45 Giga Outlets
P33120AA
Fixing Kit
M5
M6 Cage nut,
P33067AA
M6 nickel-plated screw and black plastic washer
M5 Cage nut,
29010300
M5 screw and washer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com