Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PPCB-F32K Datasheet(PDF) 43 Page - 3M Electronics

Part # VOL-PPCB-F32K
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PPCB-F32K Datasheet(HTML) 43 Page - 3M Electronics

Back Button VOL-PPCB-F32K Datasheet HTML 39Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 40Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 41Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 42Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 43Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 44Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 45Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 46Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 47Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
41
1.2
Fibre Cabling
1.2.2
Volition™ Outlets and Faceplates
Type/Order text
Ref.-No.
1
Wall Mount
Volition wall mount outlets can house up to two VF-45 sockets;
one VF-45 and one RJ45 or two RJ45 sockets, providing they
employ keystone latching and that they are a compatible size.
Flush Mount
The VOL-0257 flush mount outlet comprises a 45 x 90mm clip-in
module that is used in conjunction with a separately supplied
mounting and faceplates. Typically used in trunking or pillar appli-
cations, it can house up to two VF-45 sockets.
Furniture
Volition modular furniture outlets will house a maximum of two
VF-45 sockets. To save space, the VF-45 plug lays parallel to the
furniture partition. The outlets are available in a variety of colours.
Multiway
The 2552 VF multiway outlet was developed primarily for zone cab-
ling. Up to six VF-45 sockets can be installed. Very easy assembly
and clearly laid-out fibre management are combined in this robust
plastic box.
Outlets and faceplates for wall and trunking mounting
Type/Order text
Ref.-No.
Wall Outlet for 2 x VF-45 Socket
VOL-0255W
Plastic, white, similar to RAL 9010
Size (H x W x D): 80 x 80 x 28 mm
PU: 48 units, MOQ: 1
Wall Outlet for 2 x VF-45 Socket
VOL-0255C
Plastic, cream, similar to RAL 1013
Size (H x W x D): 80 x 80 x 28 mm
PU: 48 units, MOQ: 1
Wall Outlet for 2 x VF-45 Socket
VOL-0256W
Plastic, white, similar to RAL 9010
Size (H x W x D): 86 x 86 x 28 mm
PU: 48 units, MOQ: 1
Flush Mount Outlet for 2 x VF-45 Socket
VOL-0257W
Plastic, white, similar to RAL 9010
Size: 45 x 90 mm
PU: 48 units, MOQ: 1
Furniture Outlet for 2 x VF-45 Socket
Plastic White
VOL-0350W
Plastic Grey
VOL-0350G
Plastic Black
VOL-0350B
Size: 118 x 75 x 30 mm
PU: 48 units, MOQ: 1
Highlights:
•Wall mount outlets available in white or cream
• Guaranteed minimum bend radius of 25mm
•Integrated strain relief for horizontal cables
• Hybrid applications possible
• Compact design of wall mount outlet results in only a
28mm protrusion from the wall
Further Information on 2552SA see page 112.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com