Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PPCB-F32K Datasheet(PDF) 48 Page - 3M Electronics

Part # VOL-PPCB-F32K
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PPCB-F32K Datasheet(HTML) 48 Page - 3M Electronics

Back Button VOL-PPCB-F32K Datasheet HTML 44Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 45Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 46Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 47Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 48Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 49Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 50Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 51Page - 3M Electronics VOL-PPCB-F32K Datasheet HTML 52Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
46
Description
Volition™ Indoor cables are in compliance with all existing industry
standards. Each pair of 250 µm coated fibres is contained within a
separate buffer tube, which allows for simpler and quicker termina-
tions into the VF-45 socket. This and the easy to use colour coding
enable easy installation as well as convenient cable management.
Highlights:
•Produced to industry standards
•Two fibres per soft buffer tube
• Colour coded fibres
• Low friction jacket on backbone cables
•Available in both multimode and singlemode
Indoor, horizontal and backbone cable Singlemode
1.2
Fibre Cabling
1.2.4
Volition™ Installation Indoor
Cable 9/125µm
Type/Order Text
Ref.-No.
Indoor horizontal cable
9/ 125 / 250 µm, LSZH 9 / 125, 1 x 2 Fibres
PU: 1, MOQ: 1
Length: 1000 m
VOL-H92L1
Indoor horizontal cable
9/ 125 / 250 µm, LSZH 9 / 125, 2 x 2 Fibres
PU: 1, MOQ: 1
Length: 1000 m
VOL-H94L1
Indoor Cable for horizontal and backbone cabling
9/ 125 / 250 µm, LSZH 9 / 125, 6 Fibres
PU: 1, MOQ: 1
Length: 1000 m
VOL-B96L1
Indoor Backbone cable
9/ 125 / 250 µm, LSZH 9 / 125, 12 Fibres
PU: 1, MOQ: 1
Length: 1000 m
VOL-B912L1
Indoor Backbone cable
9/ 125 / 250 µm, LSZH 9 / 125, 24 Fibres
PU: 1, MOQ: 1
Length: 1000 m
VOL-B924L1
Indoor Backbone cable
9/ 125 / 250 µm, LSZH 9 / 125, 48 Fibres
PU: 1, MOQ: 1
Length: 1000 m
VOL-B948L1
Indoor Backbone cable
9/ 125 / 250 µm, LSZH 9 / 125, 72 Fibres
PU: 1, MOQ: 1
Length: 1000 m
VOL-B972L1
Indoor Backbone cable
9/ 125 / 250 µm, LSZH 9 / 125, 96 Fibres
PU: 1, MOQ: 1
Length: 1000 m
VOL-B996L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com