Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHP420LFST1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NHP420LFST1G
Description  Switch-mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHP420LFST1G Datasheet(HTML) 1 Page - ON Semiconductor

  NHP420LFST1G Datasheet HTML 1Page - ON Semiconductor NHP420LFST1G Datasheet HTML 2Page - ON Semiconductor NHP420LFST1G Datasheet HTML 3Page - ON Semiconductor NHP420LFST1G Datasheet HTML 4Page - ON Semiconductor NHP420LFST1G Datasheet HTML 5Page - ON Semiconductor NHP420LFST1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2018
June, 2024 − Rev. 3
1
Publication Order Number:
NHP420LFS/D
Switch-mode Power
Rectifiers
NHP420LFS, NRVHP420LFS
This LFPAK ultrafast rectifier provides fast switching performance
with soft recovery in a compact thermally efficient package. The
LFPAK package provides an excellent alternative to the DPAK,
offering thermal performance nearly as good in a package occupying
less than half the board space. Its low profile makes it a good option
for flat panel display and other applications with limited vertical
clearance. The device offers low leakage over temperature making it a
good match for applications requiring low quiescent current.
Features
• New Package Provides Capability of Inspection and Probe After
Board Mounting
• Low Forward Voltage Drop
• 175°C Operating Junction Temperature
• Excellent Ability to Absorb Stresses Associated with Power
Temperature Cycling
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Applications
• Excellent Alternative to DPAK in Space−Constrained Automotive
Applications
• Very Low Leakage for Higher Temperature Operation
• Output Rectification in Compact Portable Consumer Applications
• Freewheeling Diode used with Inductive Loads
NRVHP420LFST1G
DISCONTINUED (Note 1)
Device
Package
Shipping†
ORDERING INFORMATION
NHP420LFST1G
LFPAK4
(Pb−Free)
3000 /
Tape & Reel
ULTRAFAST RECTIFIERS
4 AMPERES
200 VOLTS
1, 2, 3, 4
5
MARKING
DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
LFPAK4
CASE 760AB
HP420L
= Specific Device Code
A
= Assembly Location
LL
= Wafer Lot
Y
= Year
W
= Work Week
HP420L
ALLYW
A
A
C
AA
1
LFPAK4
(Pb−Free)
3000 /
Tape & Reel
1. DISCONTINUED: This device is not
recommended for new design. Please contact
your onsemi representative for information.
The most current information on this device may
be available on www.onsemi.com.


Similar Part No. - NHP420LFST1G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NHP-100 MINI-NHP-100 Datasheet
84Kb / 1P
High Pass Filter 50廓 90 to 2000 MHz
NHP-100+ MINI-NHP-100+ Datasheet
84Kb / 1P
High Pass Filter 50廓 90 to 2000 MHz
NHP-1000 MINI-NHP-1000 Datasheet
147Kb / 1P
High Pass Filter 50廓 1000 to 3000 MHz
NHP-1000+ MINI-NHP-1000+ Datasheet
147Kb / 1P
High Pass Filter 50廓 1000 to 3000 MHz
NHP-150 MINI-NHP-150 Datasheet
100Kb / 1P
High Pass Filter 50廓 133 to 1000 MHz
More results

Similar Description - NHP420LFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
Switch-mode Power Rectifiers
January, 2012 - Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com