Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHP420LFST1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NHP420LFST1G
Description  Switch-mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHP420LFST1G Datasheet(HTML) 3 Page - ON Semiconductor

  NHP420LFST1G Datasheet HTML 1Page - ON Semiconductor NHP420LFST1G Datasheet HTML 2Page - ON Semiconductor NHP420LFST1G Datasheet HTML 3Page - ON Semiconductor NHP420LFST1G Datasheet HTML 4Page - ON Semiconductor NHP420LFST1G Datasheet HTML 5Page - ON Semiconductor NHP420LFST1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NHP420LFS, NRVHP420LFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
180
120
100
80
60
40
20
1.E−12
200
140
120
80
40
20
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
10
100
140
200
1.E−11
1.E−09
1.E−08
1.E−06
1.E−05
60
100
1.E−08
1.E−07
1.E−05
1.E−03
TA = 175°C
TA = 125°C
TA = −55°C
TA = 85°C
TA = 150°C
TA = 125°C
TA = 85°C
1.E−04
TJ = 25°C
160
TA = 150°C
TA = 175°C
0.1
TA = −55°C
1.E−10
1.E−07
1.E−03
160
TA = 150°C
TA = 125°C
TA = 85°C
TA = 175°C
TA = −55°C
180
1
10
100
1.E−06
1.0
0.8
0.6
0.4
0.2
0
1.2
1.4
1
10
100
TA = 175°C
TA = 125°C
TA = −55°C
TA = 150°C
0.1
1.0
0.8
0.6
0.4
0.2
1.2
1.8
TA = 25°C
TA = 25°C
TA = 25°C
TA = 85°C
TA = 25°C
1.E−04
1.E−01
1.E−02
1.4
1.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com