Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256E-F Datasheet(PDF) 40 Page - STMicroelectronics

Part # M24256E-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-F Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M24256E-F Datasheet HTML 36Page - STMicroelectronics M24256E-F Datasheet HTML 37Page - STMicroelectronics M24256E-F Datasheet HTML 38Page - STMicroelectronics M24256E-F Datasheet HTML 39Page - STMicroelectronics M24256E-F Datasheet HTML 40Page - STMicroelectronics M24256E-F Datasheet HTML 41Page - STMicroelectronics M24256E-F Datasheet HTML 42Page - STMicroelectronics M24256E-F Datasheet HTML 43Page - STMicroelectronics M24256E-F Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
11
Ordering information
Table 20. Ordering information scheme
Example:
M24
256E -
F
MH
6
T
1
Device type
M24 = I2C serial access EEPROM
Device function
256E = 256 Kbit (32 K x 8 bit)
Operating voltage
F = VCC = 1.6 V to 5.5 V
Package (1)
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MC = UFDFPN8 (DFN8)
MH = UFDFPN5 (DFN5)
Device grade
6 = Industrial device tested with standard test flow over -40 to 85 °C
Option
T = Tape and reel packing
blank = tube packing
Plating technology and device address (2)
P or G = ECOPACK2 and device address 000
1 to 7 = ECOPACK2 and pre-programmed device address
1. ECOPACK2 (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants).
2. See Table 4
Note:
Parts marked as “ES” or “E” are not yet qualified and therefore not approved for use in production. ST is
not responsible for any consequences resulting from such use. In no event will ST be liable for the customer
using any of these engineering samples in production. ST’s Quality department must be contacted prior to any
decision to use these engineering samples to run a qualification activity.
M24256E-F
Ordering information
DS12687 - Rev 3
page 40/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com