Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-32/EA/SVB Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # P1-32/EA/SVB
Description  Main�switchFlush�mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32/EA/SVB Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  P1-32/EA/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-32/EA/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-32/EA/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-32/EA/SVB Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02/17/2014
HPL-ED2013 V2.11 EN
2 / 4
Ambient temperature
 
°C
 
Open
 
°C
-25 - +50
Enclosed
 
°C
-25 - +40
Overvoltage category/pollution degree
 
 
III/3
Rated impulse withstand voltage
Uimp
V
AC
6000
Mechanical shock resistance
 
g
15
Mounting position
 
 
As required
Protection against direct contact when actuated from front (EN 50274)
 
 
Finger and back-of-hand proof
Contacts
Mechanical variables
 
 
 
Main circuits
Poles
 
 
3
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
B
0
Electrical characteristics
 
 
 
Rated operational voltage
Ue
V
AC
690
Rated uninterrupted current
Iu
A
32
Note on rated uninterrupted current !u
 
 
Rated uninterrupted current Iu is specified for max. cross-section.
Load rating with intermittent operation, class 12
 
 
 
AB 25 % DF
 
x Ie
2
AB 40 % DF
 
x Ie
1.6
AB 60 % DF
 
x Ie
1.3
Short-circuit rating
 
 
 
Fuse
 
A
gG/
gL
50
Rated short-time withstand current (1 s current)
Icw
Arms
640
Note on rated short-time withstand current lcw
 
 
Current for a time of 1 second
Switching￿capacity
Bemessungsausschaltvermögen cos ϕ nach IEC 60947-3
 
A
 
230 V
 
A
260
400/415 V
 
A
300
500 V
 
A
290
690 V
 
A
250
Safe isolation to EN 61140
 
 
 
between the contacts
 
V
AC
440
Current heat loss per contact at Ie
 
W
1.8
Lifespan, mechanical
Operations
x
106
> 0.3
Maximum operating frequency
Operations/
h
 
1200
AC
 
 
 
AC-3
 
 
 
Rating, motor load switch
P
kW
 
220 V 230 V
P
kW
7.5
380 V 400 V
P
kW
13
400 V 415 V
P
kW
13
500 V
P
kW
18.5
690 V
P
kW
15
Bemessungsbetriebsstrom Motorschalter
 
 
 
230 V
Ie
A
26.4
400V 415 V
Ie
A
26.4
500 V
Ie
A
23.4
690 V
Ie
A
14.7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com