Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-32/EA/SVB Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # P1-32/EA/SVB
Description  Main�switchFlush�mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32/EA/SVB Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  P1-32/EA/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-32/EA/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-32/EA/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-32/EA/SVB Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
02/17/2014
HPL-ED2013 V2.11 EN
3 / 4
AC-21A
 
 
 
Bemessungsbetriebsstrom Lastschalter
 
 
 
440 V
Ie
A
32
AC-23A
 
 
 
Bemessungsbetriebsleistung AC-23A, 50 - 60 Hz
P
kW
 
230 V
P
kW
8.5
400 V 415 V
P
kW
15
500 V
P
kW
18.5
690 V
P
kW
18.5
Bemessungsbetriebsstrom Motorschalter
 
 
 
230 V
Ie
A
32
DC
 
 
 
DC-1, Load-break switches L/R = 1 ms
 
 
 
Rated operational current
Ie
A
32
Voltage per contact pair in series
 
V
60
DC-23A, motor load switch L/R = 15 ms
 
 
 
24 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 1
48 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 2
60 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 3
120 V
 
 
 
Rated operational current
Ie
A
12
Contacts
 
Quantity 3
Terminal￿capacities
Flexible with ferrules to DIN 46228
 
mm2
 
Flexible with ferrule
 
mm2
1 x (1 - 4)
2 x (1 - 4)
Terminal screw
 
 
M4
Max. tightening torque
 
Nm
1.6
Technical￿data￿ETIM￿5.0
Low-voltage industrial components (EG000017) / Switch disconnector (EC000216)
Electric engineering, automation, process control engineering / Low-voltage switch technology / Off-load switch, circuit breaker, control switch / Switch disconnector
(ecl@ss8-27-37-14-03 [AKF060009])
Version as switch disconnector
compact
 
 
Yes
Version as main switch
 
 
Yes
Version as maintenance-/service
switch
 
 
Yes
Version as safety switch
 
 
No
Version as emergency stop installation
 
 
Yes
Max. rated operation voltage Ue AC
 
V
690
Rated permanent current Iu
 
A
32
Rated operation power AC-3, 400 V
 
kW
13
Rated operation power at AC-23, 400 V
 
kW
15
Conditioned rated short-circuit current
Iq
 
kA
0
Number of poles
 
 
3
Number of auxiliary contacts as
normally closed contact
 
 
0
Number of auxiliary contacts as
normally open contact
 
 
0
Number of auxiliary contacts as
change-over contact
 
 
0
Motor drive optional
 
 
No
Motor drive integrated
 
 
No
Voltage release optional
 
 
No
Device construction
 
 
Built-in device fixed built-in technique
Suitable for ground mounting
 
 
No
Suitable for front mounting
 
 
No
Suitable for front mounting center
 
 
No
Suitable for distribution board
installation
 
 
No
Suitable for intermediate mounting
 
 
No



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com