Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXM6034/A Datasheet(PDF) 4 Page - Elektron Components Ltd.

Part # PXM6034/A
Description  Robust, instant connections for harsh environments
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM6034/A Datasheet(HTML) 4 Page - Elektron Components Ltd.

  PXM6034/A Datasheet HTML 1Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 2Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 3Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 4Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 5Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
bulgin
a brand of Elektron Technology
PXM6033
PXM6034
PXP6081
PXP6083
PXM6081
PXM6083
PXM6083
PXP6081
w : elektron-bulgin.com
Part No.
Description
PXP6081
Sealing Cap for plastic Flex cable connectors
PXP6083
Sealing Cap for plastic front panel mounting connector
PXM6081
Sealing Cap for metal Flex cable connectors
PXM6083
Sealing Cap for metal front panel mounting connector
14151
Hand crimp tooling + die set
14199
PUR Jacket cable - 50m reel
14150
Replacement shielded RJ45
Sealing caps to maintain IP
rating when connectors are not
in use
Plastic connectors
PXP6081 for cable connectors
PXP6034, PXP6037 & PXP6038
PXP6083 for front panel mount
connectors PXP6033, with 30˚
twist lock
Metal connectors
PXM6081 for cable connectors
PXM6034
PXM6083 for front panel mount
connectors
ACCESSORIES FOR ETHERNET CONNECTORS
Sealed through panel
Cat 5e shielded coupler
Mates with PXM6034 type flex
connectors
Standard RJ45 patchcord can
be plugged into rear
Connector shell ground to cable
screen
Single hole fixing
Complete with panel sealing
gasket
FRONT PANEL MOUNTING CONNECTOR
Part no.
Description
Fixing
PXM6033TP
Cat 5e coupler
Front panel mounted - sealed through panel
Mates with PXM6033TP type
panel mounting connectors
30˚ twist locking
Supplied with shielded RJ45
plug
Two versions:
for PUR jacket cable (Cat 5e)
for other cable sizes from
3.5 to 8mm dia.
RE-WIREABLE FLEX CONNECTOR
Part no.
Description
PXM6034/A
Cable glands optimised for PUR jacket cable to maintain Cat 5e performance
PXM6034/B
Suitable for use with cables from 3.5 to 8mm diameter
Ethernet – Metal version
6000 Series Buccaneer®
Page 4 of 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com