Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXM6034/A Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PXM6034/A
Description  Robust, instant connections for harsh environments
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM6034/A Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PXM6034/A Datasheet HTML 1Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 2Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 3Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 4Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 5Page - Elektron Components Ltd. PXM6034/A Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
bulgin
a brand of Elektron Technology
PXP6033TP
PXP6034
PXP6037
w : elektron-bulgin.com
Sealed through panel
Cat 5e shielded coupler
Mates with all plastic flex
connectors
Standard RJ45 patchcord can
be plugged into rear
Version with earth wire available
Single hole fixing
Complete with panel sealing
gasket
FRONT PANEL MOUNTING CONNECTOR
Part no.
Description
Fixing
PXP6033TP
Cat 5e coupler
Front panel mounted - sealed through panel
PXP6033TP/E
Cat 5e coupler + earth wire
Front panel mounted - sealed through panel
PXP6037- single ended
PXP6038 - double ended
Mates with PXP6033TP type
panel mounting connectors
30˚ twist locking
Supplied with shielded RJ45
plug
Two versions:
for PUR jacket cable (Cat 5e)
for other cable sizes from
3.5 to 8mm dia.
RE-WIREABLE FLEX CONNECTOR
Part no.
Description
PXP6034/A
Cable glands optimised for PUR jacket cable to maintain Cat 5e performance
PXP6034/B
Suitable for use with cables from 3.5 to 8mm diameter
Mates with PXP6033TP type
panel mounting connectors
30˚ twist locking
Overmoulded patchcords with
IP rated connector
Supplied with shielded RJ45
plug
Single or double end terminated
Standard lengths: 2m, 3m & 5m
S-FTP cable construction
PUR jacket cable
Wiring configuration to 568-B
Exceeds EIA/TIA Cat 5e
PATCH CORD FLEX CONNECTOR - PUR JACKET CABLE
Ethernet – Thermo-plastic version
Part no.
Type
Length
Description
PXP6037/2M00
Single ended
2m
IP RJ Buccaneer to Shielded RJ45
PXP6037/3M00
Single ended
3m
IP RJ Buccaneer to Shielded RJ45
PXP6037/5M00
Single ended
5m
IP RJ Buccaneer to Shielded RJ45
PXP6038/2M00
Double ended
2m
IP RJ Buccaneer to IP68 RJ Buccaneer
PXP6038/3M00
Double ended
3m
IP RJ Buccaneer to IP68 RJ Buccaneer
PXP6038/5M00
Double ended
5m
IP RJ Buccaneer to IP68 RJ Buccaneer
6000 Series Buccaneer®
Page 2 of 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com