Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVCF35RN Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PVCF35RN
Description  Fast-Acting CUBEFuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PVCF35RN Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PVCF35RN Datasheet HTML 1Page - Cooper Bussmann, Inc. PVCF35RN Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast-Acting CUBEFuse
Photovoltaic Applications
Carton Quantity and Weight
Amp
Carton
Weight Per Carton
Rating
Qty.
lbs
kg
PVCF-35-60A
12
1.42
0.65
PVCF-70-100A
6
1.74
0.79
0612
BU-SB111265
Page 1 of 2
Data Sheet 2155
Catalog Symbol: PVCF_RN
Fast-Acting Fuse — 6-minutes maximum clearing time at
200% rated current for 30 to 60A fuse
— 8-minutes maximum clearing time at
200% rated current for 70 to 100A fuse
Ratings:
Volts —600Vdc
Amps —35-100A
IR —50kADC(UL&CSA)
Agency Information:
• UL Listed Fuse: Guide JFGA, File E335324
• CSA component certified C22.2
Other Ratings/Specifications:
Watts Loss at rated current: PVCF35RN: 5.45W
PVCF60RN: 7.27W
PVCF100RN: 11.50W
Operating and Storage Temperature Range: -40 to 90°C
Material Specifications:
• Case: Glass filled PES (Polyethersulfone)
• Terminals: Copper alloy
• Terminal plating: Electroless tin
Catalog Numbers (amp rating)
Non-Indicating CUBEFuse
PVCF35RN
PVCF50RN
PVCF80RN
PVCF40RN
PVCF60RN
PVCF90RN
PVCF45RN
PVCF70RN
PVCF100RN
CUBEFuse Holders
Catalog Numbers
(amps)
Fits Fuse Holder
Non-Indicating
TCFH60N TCFH100N
PVCF35RN
XX
PVCF40RN
XX
PVCF45RN
XX
PVCF50RN
XX
PVCF60RN
XX
PVCF70RN
X
PVCF80RN
X
PVCF90RN
X
PVCF100RN
X
Features and Product Benefits
• Maximize uptime and reliability using fuses designed and
listed to UL 2579: Low Voltage Fuses- Fuses for 600Vdc
Photovoltaic Systems
• Fast-acting protection specifically designed for low-fault
current conditions that occur in PV systems
• Maximize return on investment with fuses proven to
withstand harsh temperatures; demonstrated performance
in extreme temperature cycling conditions, ranging from
-40ºC through 90ºC
• Minimize panel space by up to 70% with readily available
Class CF holders
• Proven to clear faults faster than the UL requirement
• Minimal energy consumption leading to increased efficiency
• Ampacity rejecting holders help prevent overfusing
• Finger-safe construction minimizes exposure to live parts,
reducing hazard to personnel
All 100 and 60A CUBEFuse holders can dovetail together for
the required number of poles with the smallest footprint
possible compared to Class J solutions.
See CUBEFuse holder Data Sheet 9007
CUBEFuse Holders


Similar Part No. - PVCF35RN

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PVC MULTICOMP-PVC Datasheet
198Kb / 2P
PVC Insulating Tubing
V1.0 02/04/20
logo
List of Unclassifed Man...
PVC-1 ETC-PVC-1 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Pro-Power
PVC-1-0-CL PROPOWER-PVC-1-0-CL Datasheet
206Kb / 2P
Sleeving
V1.1 28/07/15
logo
Multicomp Pro
PVC-1-0-CL MULTICOMP-PVC-1-0-CL Datasheet
225Kb / 2P
Sleeving
04/12/20 V1.0
logo
Pro-Power
PVC-1-0-CL PROPOWER-PVC-1-0-CL Datasheet
209Kb / 2P
Sleeving
V1.2 17/04/20
More results

Similar Description - PVCF35RN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
CF361FGKW COOPER-CF361FGKW Datasheet
545Kb / 6P
CUBEFuse safety switch
logo
Copal Electronics
C-FAP COPAL-C-FAP Datasheet
393Kb / 7P
FAST ACTING PROTECTORS
logo
Cooper Bussmann, Inc.
FCF1RN COOPER-FCF1RN Datasheet
201Kb / 2P
Fast-Acting CUBEFuse
logo
List of Unclassifed Man...
CF361FGKW ETC1-CF361FGKW Datasheet
545Kb / 6P
CUBEFuse safety switch
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Littelfuse
JLLN LITTELFUSE-JLLN_18 Datasheet
893Kb / 9P
Fast-Acting
logo
Eaton All Rights Reserv...
CF36 EATON-CF36 Datasheet
545Kb / 6P
CUBEFuse safety switch
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
Fast-acting UL Class CF CUBEFuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com