Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVCF35RN Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PVCF35RN
Description  Fast-Acting CUBEFuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PVCF35RN Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PVCF35RN Datasheet HTML 1Page - Cooper Bussmann, Inc. PVCF35RN Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PVCF_RN Dimensions – in (mm)
Time-Current Characteristic Curves–Average Melt
Current Limitation Curves
0.01
0.1
1
10
100
1000
CURRENT IN AMPS
60A
100A
40A
50A
35A
100
1,000
10,000
100,000
PROSPECTIVE SHORT CIRCUIT CURRENT
SYMMETRICAL RMS AMPS
B
A
0612 BU-SB111265
Page 2 of 2
Data Sheet 2155
Fuse
Dimensions - in (mm)
Amps
AB
C
D
E
F
G
35-40
2.13
1.00
1.13
0.36
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(9.10)
(1.02)
(15.93)
(9.65)
45-50
2.13
1.00
1.13
0.44
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(11.13)
(1.02)
(15.93)
(9.65)
60
2.13
1.00
1.13
0.44
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(11.13)
(1.02)
(15.93)
(9.65)
70
3.01
1.00
1.26
0.49
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(12.45)
(1.60)
(14.78)
(9.65)
80-90
3.01
1.00
1.26
0.49
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(12.45)
(1.60)
(14.78)
(9.65)
100
3.01
1.00
1.26
0.57
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(14.48)
(1.60)
(14.78)
(9.65)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com