Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16TTS12S Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 16TTS12S
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

16TTS12S Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  16TTS12S Datasheet HTML 1Page - Inchange Semiconductor Company Limited 16TTS12S Datasheet HTML 2Page - Inchange Semiconductor Company Limited 16TTS12S Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Thyristors
16TTS12S
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
IRRM
Repetitive Peak Reverse Current
VRRM= 1200V, TJ= 25℃
--
--
0.5
mA
IDRM
Repetitive Peak Off-state Current
VDRM= 1200V, TJ= 125℃
--
--
10
mA
VTM
On-state Voltage
ITM= 10A;TJ= 25℃
--
--
1.4
V
IGT
Gate-trigger Current
VD= 6V;TJ= 25℃
--
--
60
mA
VGT
Gate-trigger Voltage
VD= 6V;TJ= 25℃
--
--
2.0
V
IH
Holding Current
IT=1A
--
--
100
mA
dv/dt
Critical Rate of Rise of Off-state
Voltage
VD= VDRM , TJ= 100℃
--
--
500
V/us
Rth(j-c)
Thermal Resistance Junction to
Mounting Base
In free air
--
1.3
--
℃
/W
PACKAGE OUTLINE(Dimensions in mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com