Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16TTS12S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 16TTS12S
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

16TTS12S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  16TTS12S Datasheet HTML 1Page - Inchange Semiconductor Company Limited 16TTS12S Datasheet HTML 2Page - Inchange Semiconductor Company Limited 16TTS12S Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
16TTS12S
www.iscsemi.com
1
FEATURES
· Glass passivated junctions
· VDRM/VRRM :1200V
APPLICATIONS
· Typical applications are in input rectification (soft start)
andthese products are designed to be used with Vishay
HPPinput diodes, switches and output rectifiers which
areavailable in identical package outlines
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
1200
V
VRRM
Repetitive Peak Reverse Voltage
1200
V
IT(AV)
On-state Current Tc=95℃
10
A
ITSM
Surge Non-repetitive On-state Current , Tc=110℃
200
A
PG(AV)
Average Gate Power
2.0
W
di/dt
Repetitive Rate of Rise of On-state Current after Triggering
150
A/us
I2t
I2t for fusing
10 ms sine pulse, rated VRRM applied
144
A2S
10 ms sine pulse, no voltage reapplied
200
IGM
Peak Gate Current,TJ= 125℃
1.5
A
Tj
Operating Junction Temperature
-40 ~+125
℃
Tstg
Storage Temperature
-40 ~+125
℃


Similar Part No. - 16TTS12S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS12S VISHAY-16TTS12S Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS12S VISHAY-16TTS12S Datasheet
121Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS12SPBF VISHAY-16TTS12SPBF Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
02-Jul-08
16TTS12SPBF VISHAY-16TTS12SPBF Datasheet
627Kb / 7P
Surface Mountable Phase Control SCR, 16 A
08-Jun-10
logo
International Rectifier
16TTS12STRL IRF-16TTS12STRL Datasheet
119Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
More results

Similar Description - 16TTS12S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com