Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216IDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST4E1216IDT
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216IDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST4E1216IDT Datasheet HTML 3Page - STMicroelectronics ST4E1216IDT Datasheet HTML 4Page - STMicroelectronics ST4E1216IDT Datasheet HTML 5Page - STMicroelectronics ST4E1216IDT Datasheet HTML 6Page - STMicroelectronics ST4E1216IDT Datasheet HTML 7Page - STMicroelectronics ST4E1216IDT Datasheet HTML 8Page - STMicroelectronics ST4E1216IDT Datasheet HTML 9Page - STMicroelectronics ST4E1216IDT Datasheet HTML 10Page - STMicroelectronics ST4E1216IDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Table 10. Supply current and protections: (VCC= +3.0 V to 5.5 V, TA = Tmin to Tmax, unless otherwise specified. Typical
values are at VCC = 5 V and T = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current
ICC
Supply current (quiescent)
Driver and receiver enabled DE =
VCC, RE = GND, no load
1.77
2.5
mA
Driver enabled, receiver disabled
DE = VCC, RE = VCC, no load
1
1.8
mA
Driver disabled, receiver enabled
DE = GND, RE = GND, no load
1
1.8
mA
Driver and receiver disabled
(shutdown mode) DE = GND, RE
= VCC, no load
0.6
3.5
µA
TTSD
Thermal shutdown threshold
165
°C
TTSD_HYS
Thermal shutdown hysteresis
13
IOS
Driver short-circuit output current
-7 V < VSHORT < +12 V
-250
250
mA
ST4E1216, ST4E1240
Electrical characteristics
DS14542 - Rev 2
page 7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com