Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216IDT Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST4E1216IDT
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216IDT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST4E1216IDT Datasheet HTML 9Page - STMicroelectronics ST4E1216IDT Datasheet HTML 10Page - STMicroelectronics ST4E1216IDT Datasheet HTML 11Page - STMicroelectronics ST4E1216IDT Datasheet HTML 12Page - STMicroelectronics ST4E1216IDT Datasheet HTML 13Page - STMicroelectronics ST4E1216IDT Datasheet HTML 14Page - STMicroelectronics ST4E1216IDT Datasheet HTML 15Page - STMicroelectronics ST4E1216IDT Datasheet HTML 16Page - STMicroelectronics ST4E1216IDT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Figure 16. Driver differential output voltage vs. driver
output current @ VCC = 3.3 V
0
1
1
2
2
3
3
4
0
10
20
30
40
50
60
70
80
90 100
IOUT Driver Output current (mA)
Figure 17. Receiver output vs. input @ VCC = 3 V
0
0.5
1
1.5
2
2.5
3
3.5
-170 -160 -150 -140 -130 -120 -110 -100 -90 -80 -70 -60
VID Differential input voltage (mV)
Vth (0V)
Vth (12V)
Vth (-7V)
Figure 18. Driver output current vs. power supply with
RL=54Ω
0
10
20
30
40
50
60
70
80
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
VCC suply voltage (V)
Figure 19. Supply current vs. data rate
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0
10
20
30
40
Data Rate (Mbps)
VCC=3.3V, no load
VCC=5V, no load
VCC=3.3V, 54 Ω load
VCC=5V, 54Ω load
ST4E1216, ST4E1240
Typical characteristics - All devices
DS14542 - Rev 2
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com