Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3033B Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI3033B
Description  Contact Image Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3033B Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button PI3033B Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 10Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary PI3033B datasheet
Signal Conversion Circuit
Figure 5. Video Output Test and Application Circuit
Figure 5, Video Output Test and Application Circuit shows a simply circuit that provides the cleanest
technique in processing the video output. It integrates all the currents from each pixel element onto a
capacitor, CAP. Then the CAP is reset to zero volts by activating the shunt switch, SW, and
connecting the video line to ground prior to accessing the following pixel element. Simultaneous to
SW activation, the pixel element storage is, also, reset to the dark level, hence initialized for the new
pixel integration process. Since this process sums the switch edges and signal current pulses onto the
CAP, it minimizes the switching patterns on the video pixels. The summed charges stored in the CAP,
produces a pixel voltage with amplitude proportional to the charge from the current pulse. Since
switching energies are high frequencies components, they tend to integrate to a 0 value and the
remainder adds a constant value to the dark level. The signal pixels Vp(n) is referenced to the Dark
Level as it is seen in Figure 6, Single Pixel Output Voltage that depicts the typical pixel waveform.
Figure 6. Single Pixel Video Output
To measure these device’s parameters the value of the CAP is set to 100pf. This value includes the
stray capacitance of the video line. The value of RIN in the amplifier circuit is set to infinity, it is
removed, accordingly, the amplifier gain is one, hence serving as buffer amplifier, EL2044, AD8051 or
equivalent, to isolate the video line.
Page 7 of 13 Date: 03/18/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com