Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3033B Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI3033B
Description  Contact Image Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3033B Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button PI3033B Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 10Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 11Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 12Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Preliminary PI3033B datasheet
Since the output is specified with a light exposure, the video output is specified with a fixed exposure.
However, exposure is a function of power and time, Exp = Light power x the Tint, as well as its color.
Accordingly the PI3033B is measured with a Yellow-Green LED light source.
See Figure 7.Vpavg As Function Of Exposure.
Note: The value of 100pf is selected because the typical PCB layout of an A6 length module has a
video line capacitance, including the stray, in the order of 100pf. The A6 length CIS module uses 13
sensor chips. See Figure 9. Typical A6 CIS Module Circuit using the PI3033B sensors.
Video Output Response Under Exposure
Vpavg Output As A Function Of Exposure
0.000
0.500
1.000
1.500
2.000
2.500
3.000
Exposure (MicroJoules/cm^2)
Figure 7.Vpavg As A Function Of Exposure
Absolute Maximum Ratings:
Parameters
Symbol
Maximum Rating
Units
Power Supply Voltage
VDD
10
Volts
Power Supply Current
IDD
<2.0
mA
Input clock pulse (high level)
Vih
Vdd + 0.5
Volts
Input clock pulse (low level)
Vil
-0.25
Volts
Operating Temperature
Top
0 to 50
oC
Page 8 of 13 Date: 03/18/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com