Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8PFA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # 8PFA
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

8PFA Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button 8PFA Datasheet HTML 3Page - Omron Electronics LLC 8PFA Datasheet HTML 4Page - Omron Electronics LLC 8PFA Datasheet HTML 5Page - Omron Electronics LLC 8PFA Datasheet HTML 6Page - Omron Electronics LLC 8PFA Datasheet HTML 7Page - Omron Electronics LLC 8PFA Datasheet HTML 8Page - Omron Electronics LLC 8PFA Datasheet HTML 9Page - Omron Electronics LLC 8PFA Datasheet HTML 10Page - Omron Electronics LLC 8PFA Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
244
General-purpose Relays and Power Relays
Sockets
■ Socket Performance Characteristics
Item
Carry current
Dielectric strength
Insulation resistance (see note 2)
P2RF-05(-E)
10 A
Between contacts of same polarity:
1,000 VAC for 1 min
Between coil and contact: 4,000 VAC for 1
min
1,000 M
Ω min.
P2RF-08(-E)
5 A
Between contact of different polarity: 3,000
VAC for 1 min
Between contacts of same polarity:
1,000 VAC for 1 min
Between coil and contact: 4,000 VAC for 1
min
1,000 M
Ω min.
P2R-057P
10 A
Between contacts of same polarity:
1,000 VAC for 1 min
Between coil and contact: 5,000 VAC for 1
min
1,000 M
Ω min.
P2R-087P
5 A
Between contact of different polarity: 3,000
VAC for 1 min
Between contacts of same polarity:
1,000 VAC for 1 min
Between coil and contact: 5,000 VAC for 1
min
1,000 M
Ω min.
P2R-05A
10 A
Between contacts of same polarity:
1,000 VAC for 1 min
Between ground terminal and other termi-
nals: 1,500 VAC for 1 min
Between coil and contact: 4,000 VAC for 1
min
1,000 M
Ω min.
P2R-08A
5 A
Between contact of different polarity: 3,000
VAC for 1 min
Between contacts of same polarity:
1,000 VAC for 1 min
Between ground terminal and other termi-
nals: 1,500 VAC for 1 min
Between coil and contact: 4,000 VAC for 1
min
1,000 M
Ω min.
P7TF-05
5 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PYF08A-E
7 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PYF08A-N
7 A (see note 3)
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PYF11A
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PYF14A-E
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PYF14A-N
5 A (see note 3)
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PY08(-Y1)
7 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY08QN(-Y1)
7 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY08-02
7 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11(-Y1)
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11QN(-Y1)
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11-02
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14(-Y1)
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14QN(-Y1)
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14-02
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PTF
@@A
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@QN
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@-0
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com