Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8PFA Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # 8PFA
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

8PFA Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button 8PFA Datasheet HTML 9Page - Omron Electronics LLC 8PFA Datasheet HTML 10Page - Omron Electronics LLC 8PFA Datasheet HTML 11Page - Omron Electronics LLC 8PFA Datasheet HTML 12Page - Omron Electronics LLC 8PFA Datasheet HTML 13Page - Omron Electronics LLC 8PFA Datasheet HTML 14Page - Omron Electronics LLC 8PFA Datasheet HTML 15Page - Omron Electronics LLC 8PFA Datasheet HTML 16Page - Omron Electronics LLC 8PFA Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
250
General-purpose Relays and Power Relays
Sockets
■ PYF Dimensions
Dimensions
Terminal
arrangement/
Internal connections
(top view)
Mounting holes (top view)
Eight,
M3 x 8
sems screws
PYF08A
Two, 4.2 x 5
mounting holes
6
72 max.
23 max.
3.4
4
6
16.5
35.4
30 max.
Two, M3, M4,
or 4.5-dia. holes
15
±0.2
59
±0.3
Note: Track-mounting is also
possible.
Two, 4.2 x 5
mounting holes
6
Eight, M3 x 8
sems
72 max.
23
max.
3.4
35.4
4
6
16.5
31 max.
PYF08A-E
Two, M3 or M4
(or 4.5-dia.) holes
59
±0.3
15
±0.1
Note: Track-mounting is also
possible.
4
42
8
44
1
12
5
14
41
12
A2
14
11
9
A1
13
A2
14
22 max.
67 max.
PYF-08A-N
30 max.
73
PYF08A-N
4
42
1
8
5
12
9
14 14
13
44
12
14
41
11
A2 A2 A1
18.7
3.0 dia.
3.5 dia. or M3
Note: Track-mounting is also
possible. Refer to page
245 for Mounting
Tracks.
PYF11A
Two, 4.2 x 5
mounting holes
Eleven,
M3 x 8
sems
72 max.
29.5 max.
30 max.
Two, M3 or M4
(or 4.5-dia.) holes
Note: Track-mounting is also
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com