Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL08-Q Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # PL08-Q
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08-Q Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button PL08-Q Datasheet HTML 15Page - Omron Electronics LLC PL08-Q Datasheet HTML 16Page - Omron Electronics LLC PL08-Q Datasheet HTML 17Page - Omron Electronics LLC PL08-Q Datasheet HTML 18Page - Omron Electronics LLC PL08-Q Datasheet HTML 19Page - Omron Electronics LLC PL08-Q Datasheet HTML 20Page - Omron Electronics LLC PL08-Q Datasheet HTML 21Page - Omron Electronics LLC PL08-Q Datasheet HTML 22Page - Omron Electronics LLC PL08-Q Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
256
General-purpose Relays and Power Relays
Sockets
Note: Use a panel with a thickness of 1 to 2 mm when mounting a Socket on it.
■ P7LF Dimensions
Dimensions
Terminal
arrangement/
Internal connections
(bottom view)
Mounting holes
PT14QN
PT14
42.5
max.
Fourteen,
1.7-dia. x
3.5 holes
35 max.
20.5 max.
1.5 x 1.0
26.5
max.
29.5
max.
42.5 max.
26.5
max.
29.5
max.
PT14-0
17.5 max.
42.5 max.
*Keep a proper distance between the
Socket and PCB patterns.
26.5 max.
29.5 max.
5*
Fourteen,
2.5-dia. holes
The tolerance is
±0.1.
Dimensions
Terminal arrangement/
Internal connections
(top view)
Mounting holes
P7LF-06
Two, M3.5 (coil side)
Four, M4
(contact side)
51.5 max.
55.5 max.
46 max.
0
1
2
46
8
Two, M4 or
4.5-dia. holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com