Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL08-Q Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # PL08-Q
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08-Q Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button PL08-Q Datasheet HTML 19Page - Omron Electronics LLC PL08-Q Datasheet HTML 20Page - Omron Electronics LLC PL08-Q Datasheet HTML 21Page - Omron Electronics LLC PL08-Q Datasheet HTML 22Page - Omron Electronics LLC PL08-Q Datasheet HTML 23Page - Omron Electronics LLC PL08-Q Datasheet HTML 24Page - Omron Electronics LLC PL08-Q Datasheet HTML 25Page - Omron Electronics LLC PL08-Q Datasheet HTML 26Page - Omron Electronics LLC PL08-Q Datasheet HTML 27Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
General-purpose Relays and Power Relays
Sockets
261
■ PL Dimensions
Note: When mounting, pay due attention to the direction of the key groove of applicable Relays.
Dimensions
Terminal arrangement/
Internal connections
(top view)
Mounting holes
---
---
P3G-08
27 dia.
P3GA-11
27 dia.
Dimensions
Terminal
arrangement/
Internal connections
(bottom view)
Mounting holes
PL08
3.5
51 max. 40
35
max.
4
1
30 dia.
16
35
max.
0.6t x 1.3
74 or 86
40
±0.3
Two, 3.5-dia. or two, M3
Relay-mounting holes
Two, 3.5-dia. or two,
M3 Socket-mounting
holes
31-dia. hole
PL08-Q
50.5 max. 40
3.5
35
max.
41
30 dia.
Two,
2-dia.
holes
Approx. 20.5
3.9
72
Two, 3.5-dia. or two, M3
Relay-mounting holes
Two, 3.5-dia. or two,
M3 Socket-mounting
holes
31-dia. hole
40
±0.3
19
PLE08-0
29 dia.
±0.3
14
5
0.3t
21.5 max.
Two, 3.5-dia. Hold-down
Clip-mounting holes
40
±0.3
27.7
±0.5
Eight, 2.5-dia. holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com