Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLE08-0 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # PLE08-0
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PLE08-0 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button PLE08-0 Datasheet HTML 4Page - Omron Electronics LLC PLE08-0 Datasheet HTML 5Page - Omron Electronics LLC PLE08-0 Datasheet HTML 6Page - Omron Electronics LLC PLE08-0 Datasheet HTML 7Page - Omron Electronics LLC PLE08-0 Datasheet HTML 8Page - Omron Electronics LLC PLE08-0 Datasheet HTML 9Page - Omron Electronics LLC PLE08-0 Datasheet HTML 10Page - Omron Electronics LLC PLE08-0 Datasheet HTML 11Page - Omron Electronics LLC PLE08-0 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
General-purpose Relays and Power Relays
Sockets
245
Note: 1. The values given above are initial values.
2. The values for insulation resistance were measured at 500 V at the same place as the dielectric strength.
3. The maximum operating ambient temperature for the PYF08A-N and PYF14A-N is 55
°C. When using the PYF08A-N or PYF14A-N at
an operating ambient temperature exceeding 40
°C, reduce the current to 60%.
■ Track and Accessories
P7LF-06
30 A
Between contact of different polarity: 2,000
VAC for 1 min
Between contacts of same polarity:
2,000 VAC for 1 min
Between coil and contact: 4,000 VAC for 1
min
1,000 M
Ω min.
PF
@@@A
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
P2CF
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
P3G(A)
6 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
8PFA(1)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
11PFA(1)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PL
@@(-Q)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PLE
@@-0
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
P6D-04P
5 A
Between contacts of same polarity:
1,000 VAC for 1 min
Between coil and contact: 3,000 VAC for 1
min
100 M
Ω min.
P7S-14
@
6 A
Between terminals: 2,500 VAC for 1 min
Between ground terminal and other termi-
nals (P7S-14A): 2,000 VAC for 1 min
100 M
Ω min.
Item
Carry current
Dielectric strength
Insulation resistance (see note 2)
4.5
15
25
25
10
25
1000
25
10
15
29.2
1.5
27
24
16
1
35
±0.3
M4 x 8 pan head screw
M4 spring washer
50
11.5
10
10
6.2
1.8
1
35.5
1.8
1.3
4.8
5
16
12
44.3
16.5
4.5
15
25
25
10
25
1000 (500) *
25
10
15 (5)
1
Mounting Track
PFP-100N
PFP-50N
Note: The figure in the parentheses is for PFP-50N.
35
±0.3
7.3
±0.15
27
±0.15
Mounting Track
PFP-100N2
End Plate
PFP-M
Spacer
PFP-S
35.3
34.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com