Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLE08-0 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # PLE08-0
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PLE08-0 Datasheet(HTML) 2 Page - Omron Electronics LLC

  PLE08-0 Datasheet HTML 1Page - Omron Electronics LLC PLE08-0 Datasheet HTML 2Page - Omron Electronics LLC PLE08-0 Datasheet HTML 3Page - Omron Electronics LLC PLE08-0 Datasheet HTML 4Page - Omron Electronics LLC PLE08-0 Datasheet HTML 5Page - Omron Electronics LLC PLE08-0 Datasheet HTML 6Page - Omron Electronics LLC PLE08-0 Datasheet HTML 7Page - Omron Electronics LLC PLE08-0 Datasheet HTML 8Page - Omron Electronics LLC PLE08-0 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
General-purpose Relays and Power Relays
Sockets
239
Square Sockets
Note:
@-E Models are of finger-protect construction. Round terminals cannot be used. Use Y-shaped terminals.
Square Sockets
Note:
@-E and @-N Models are of finger-protect construction. Round terminals cannot be used. Use Y-shaped terminals.
Item
P2RF
(Track-mounting)
*see page 246
P2R
*see page 248
P7TF (Track-
mounting)
*see page 249
Screw terminal
Solder terminal
PCB terminal
Screw terminal
5 pins
8 pins
---
P2RF-05
Approx. 27 g
P2RF-05-E
Approx. 38 g
P2R-05A
Approx. 5 g
P2R-05P
Approx. 5 g
P2R-057P
Approx. 5.5 g
P7TF-05
Approx. 28 g
P2RF-08
Approx. 33 g
P2RF-08-E
Approx. 38 g
P2R-08A
Approx. 5 g
P2R-08P
Approx. 5 g
P2R-087P
Approx. 5.5 g
Item
PYF
(Track-
mounting)
*see page 250
PY
(back-connecting)
*see page 252
PTF
(Track-
mounting)
*see page 253
PT
(back-connecting)
*see page 255
Screw terminal
Solder
terminal
Wrapping
terminal
PCB terminal
Screw
terminal
Solder
terminal
Wrapping
terminal
PCB
terminal
8 pins
PYF08A
Approx. 32 g
PYF08A-E
PYF08A-N
PY08
Approx. 8 g
PY08-Y1
PY08-Y3
PYQ08QN
Approx. 12 g
PYQ08QN-Y1
PYQ08QN2-Y1
PYQ08QN2
PY08-02
Approx. 7.2 g
PTF08A
Approx. 39 g
PTF08A-E
PT08
Approx. 11 g
PT08QN
Approx. 10.4 g
PT08-0
Approx. 8 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com