Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC079N15NM6 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ISC079N15NM6
Description  MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC079N15NM6 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ISC079N15NM6 Datasheet HTML 1Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 2Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 3Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 4Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 5Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 6Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 7Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 8Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
OptiMOS™ 6 Power‑Transistor, 150 V
ISC079N15NM6
Public
Datasheet
3
Revision 2.0
https://www.infineon.com
2024‑04‑15
1   Maximum ratings
at  =25 °C, unless otherwise specified
T
Table 2      Maximum ratings
Parameter
Symbol
Values
Unit Note/ Test Condition
Min. Typ. Max.
Continuous drain current 1)
I
‑
‑
95 
67 
62 
12.8
A
V =10 V,  =25 °C 
T
=10 V,  =100 °C 
V
T
=8 V,  =100 °C 
V
T
=10 V, =25 °C,
=50 °C/W 
V
T
R
2)
Pulsed drain current 3)
I
‑
‑
380 A
T =25 °C
Avalanche current, single pulse 4)
I
‑
‑
36 A
T =25 °C
Avalanche energy, single pulse
E
‑
‑
437 mJ
I =11 A,  =25 Ω
R
Gate source voltage
V
‑20 ‑
20 V
‑
Power dissipation
P
‑
‑
165 
3.0 W
T =25 °C 
=25 °C, 
=50 °C/W 
T
R
2)
Operating and storage temperature
T , T
‑55 ‑
175 °C
‑
    Rating refers to the product only with datasheet specified absolute maximum values, maintaining case temperature as 
1)
specified. For other case temperatures please refer to Diagram 2. De‑rating will be required based on the actual environmental 
conditions.
    Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm  (one layer, 70 μm thick) copper area for drain connection. PCB 
2)
2
is vertical in still air.
    See Diagram 3 for more detailed information
3)
    See Diagram 13 for more detailed information
4)
2   Thermal characteristics
Table 3      Thermal characteristics
Parameter
Symbol
Values
Unit Note/ Test Condition
Min. Typ. Max.
Thermal resistance, junction ‑ case,
bottom
R
‑
‑
0.91 °C/W ‑
Thermal resistance, junction ‑ case,
top
R
‑
‑
20 °C/W ‑
Thermal resistance, junction ‑ 
ambient,
6 cm² cooling area 5)
R
‑
‑
50 °C/W ‑
    Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm  (one layer, 70 μm thick) copper area for drain connection. PCB 
5)
2
is vertical in still air.
A
D
GS
C
GS
C
GS
C
GS
A
thJA
D,pulse
C
AS
C
AS
D
GS
GS
tot
C
A
thJA
j
stg
thJC
thJC
thJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com