Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC079N15NM6 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # ISC079N15NM6
Description  MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC079N15NM6 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button ISC079N15NM6 Datasheet HTML 6Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 7Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 8Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 9Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 10Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 11Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 12Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 13Page - Infineon Technologies AG ISC079N15NM6 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
OptiMOS™ 6 Power‑Transistor, 150 V
ISC079N15NM6
Public
Datasheet
12
Revision 2.0
https://www.infineon.com
2024‑04‑15
Figure 3   Outline PG‑TDSON‑8, dimensions in mm
copper
solder mask
stencil apertures
all dimensions in mm
1.5
0.5
0.4
0.2
1.905
1.905
1.27
3x
1.27
3x
1.6
0.6
0.5
1.27
3x
1.905
1.27
3x
1.905
PG-TDSON-8: Recommen d Bo rdpads & Apertures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com