Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB612 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSB612
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB612 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSB612 Datasheet HTML 18Page - STMicroelectronics TSB612 Datasheet HTML 19Page - STMicroelectronics TSB612 Datasheet HTML 20Page - STMicroelectronics TSB612 Datasheet HTML 21Page - STMicroelectronics TSB612 Datasheet HTML 22Page - STMicroelectronics TSB612 Datasheet HTML 23Page - STMicroelectronics TSB612 Datasheet HTML 24Page - STMicroelectronics TSB612 Datasheet HTML 25Page - STMicroelectronics TSB612 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Figure 48. Test configuration for RISO
Please note that RISO = 47 Ω is sufficient to make the TSB952 stable whatever the capacitive load.
5.8
Resistor values for high speed op amp design
Due to its high gain bandwidth product (GBP), this op amp is particularly sensitive to parasitic impedances. Board
parasitic elements should be taken into account in any sensitive design. Indeed, excessive parasitic elements
(both capacitive and inductive) in the op amp frequency range can alter performance and stability. These issues
can often be mitigated by lowering the resistive impedances.
More specifically, the RC network created by the schematic resistors (Rf and Rg) and the parasitic capacitances
of both the op amp and the PCB can generate a pole below or in the same order of magnitude as the closed-loop
bandwidth of the circuit. In this case, the feedback circuit is not able to fully play its role at high frequency, and the
application can be unstable. This issue can happen when the schematic gain is low (typically < 5), or the device is
used in follower mode with a resistor in the feedback. In these cases, it is advised to use a low value feedback
resistor (Rf), typically 600 Ω.
Figure 49. Inverting amplifier configuration with parasitic input capacitances
Also, some designs use an input resistor on the positive input, generally of the same value as the input on the
negative resistor. This resistor can be useful to balance the input currents on the positive and negative inputs, and
reduce the impact of those input currents on precision. However, this is not useful with the TSB952 as the input
currents are very low. Furthermore, this resistor can also interact with the input capacitances to generate a pole.
The frequency of this pole should be kept higher than the closed-loop bandwidth frequency.
The macromodel provided takes into account the circuit parasitic capacitors. Thus, a transient Spice simulation
(100 mV step) is an easy way to evaluate the stability of the application. However, this cannot replace a hardware
evaluation of the application circuit.
TSB952
Application information
DS14576 - Rev 1
page 22/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com