Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB612 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSB612
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB612 Datasheet(HTML) 4 Page - STMicroelectronics

  TSB612 Datasheet HTML 1Page - STMicroelectronics TSB612 Datasheet HTML 2Page - STMicroelectronics TSB612 Datasheet HTML 3Page - STMicroelectronics TSB612 Datasheet HTML 4Page - STMicroelectronics TSB612 Datasheet HTML 5Page - STMicroelectronics TSB612 Datasheet HTML 6Page - STMicroelectronics TSB612 Datasheet HTML 7Page - STMicroelectronics TSB612 Datasheet HTML 8Page - STMicroelectronics TSB612 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
3
Electrical characteristics
Table 4. Electrical characteristics VCC = 5 V, Vicm = VCC/2, T = 25 °C (unless otherwise specified).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
T = 25 °C
±3
mV
Tmin < T < Tmax
±3.5
|∆ VIO/∆T|
Input offset voltage drift
Tmin < T < Tmax
0.9
5
µV/°C
IIB
Input bias current
T = 25 °C
1
50
pA
Tmin < T < Tmax
1000
IIO
Input offset current
T = 25 °C
1
50
Tmin < T < Tmax
1000
AVD
Large signal voltage gain
VOUT = 0.3 to (VCC -0.3 V)
RL = 10 kΩ connected to VCC/2
96
113
dB
Tmin < T < Tmax
86
CMR
Common-mode rejection
ratio
VICM = 0 to VCC -1.5 V, VOUT = VCC/2
72
88
dB
Tmin < T < Tmax
72
VOL
Output swing from negative
rail
No load
4
10
mV
Tmin < T < Tmax
50
ISINK = 2 mA
48
60
Tmin < T < Tmax
130
VOH
Output swing from positive
rail
No load
5
15
Tmin < T < Tmax
50
ISOURCE = 2 mA
51
70
Tmin < T < Tmax
120
IOUT
ISINK
VOUT = VCC+
39
44
mA
Tmin < T < Tmax
33
ISOURCE
VOUT = VCC-
43
48
Tmin < T < Tmax
42
ICC
Supply current (per channel)
No load, VOUT = VCC/2
2.2
3
mA
Tmin < T < Tmax
3.8
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 22 pF
31
47
MHz
Tmin < T < Tmax
30
SR
Slew rate
RL = 10 kΩ, CL = 22 pF, AV = 1 V/V,
10% to 90%
18
26
V/µs
Tmin < T < Tmax
12
Φm
Phase margin
RL = 10 kΩ, CL = 22 pF
47
°
GM
Gain margin
RL = 10 kΩ, CL = 22 pF
13
dB
EN
Equivalent input noise
density
f = 10 kHz
35
nV/√Hz
f = 100 kHz
16
EN P-P
Input voltage noise
0.1 Hz < f < 10 Hz
45
µVPP
TSB952
Electrical characteristics
DS14576 - Rev 1
page 4/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com