Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB512 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSB512
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB512 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSB512 Datasheet HTML 26Page - STMicroelectronics TSB512 Datasheet HTML 27Page - STMicroelectronics TSB512 Datasheet HTML 28Page - STMicroelectronics TSB512 Datasheet HTML 29Page - STMicroelectronics TSB512 Datasheet HTML 30Page - STMicroelectronics TSB512 Datasheet HTML 31Page - STMicroelectronics TSB512 Datasheet HTML 32Page - STMicroelectronics TSB512 Datasheet HTML 33Page - STMicroelectronics TSB512 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
8
Ordering information
Table 9. Order code
Order code
Package
Packaging
Marking
TSB952IDT
SO8
Tape & Reel
TSB952I
TSB952IYDT (1)
TSB952IY
TSB952IQ2T
DFN8 3x3 WF
K2P
TSB952IYQ2T (1)
K2Q
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 &
Q002 or equivalent.
TSB952
Ordering information
DS14576 - Rev 1
page 30/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com