Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB512 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TSB512
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB512 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TSB512 Datasheet HTML 28Page - STMicroelectronics TSB512 Datasheet HTML 29Page - STMicroelectronics TSB512 Datasheet HTML 30Page - STMicroelectronics TSB512 Datasheet HTML 31Page - STMicroelectronics TSB512 Datasheet HTML 32Page - STMicroelectronics TSB512 Datasheet HTML 33Page - STMicroelectronics TSB512 Datasheet HTML 34Page - STMicroelectronics TSB512 Datasheet HTML 35Page - STMicroelectronics TSB512 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Absolute maximum ratings ............................................................. 3
Table 3.
Operating conditions ................................................................. 3
Table 4.
Electrical characteristics VCC = 5 V, Vicm = VCC/2, T = 25 °C (unless otherwise specified)................... 4
Table 5.
Electrical characteristics VCC = 12 V, Vicm = VCC/2, T = 25 °C, (unless otherwise specified). ................ 6
Table 6.
Electrical characteristics VCC = 36 V, Vicm = VCC/2, T = 25 °C (unless otherwise specified).................. 8
Table 7.
SO8 package mechanical data ......................................................... 26
Table 8.
DFN8 3x3 exposed pad, wettable flank mechanical data ........................................ 28
Table 9.
Order code ....................................................................... 30
Table 10.
Document revision history ............................................................. 31
TSB952
List of tables
DS14576 - Rev 1
page 33/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com