Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2579B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA2579B
Description  Horizontal/vertical synchronization circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA2579B Datasheet HTML 9Page - NXP Semiconductors TDA2579B Datasheet HTML 10Page - NXP Semiconductors TDA2579B Datasheet HTML 11Page - NXP Semiconductors TDA2579B Datasheet HTML 12Page - NXP Semiconductors TDA2579B Datasheet HTML 13Page - NXP Semiconductors TDA2579B Datasheet HTML 14Page - NXP Semiconductors TDA2579B Datasheet HTML 15Page - NXP Semiconductors TDA2579B Datasheet HTML 16Page - NXP Semiconductors TDA2579B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
September 1990
13
Philips Semiconductors
Preliminary specification
Horizontal/vertical synchronization circuit
TDA2579B
Second control loop (pin 14)
(horizontal flyback to horizontal
oscillator)
Control sensitivity
td =10 µs
∆ td / ∆ to 200
300
600
µs
Control range
td
1
−>45
µs
Control range for constant duty
factor horizontal output
td
1
29 (
−t flyback
pulse)
µs
Controlled edge of horizontal
output signal (pin 11)
positive
Phase adjustment (pin 14)
(via second control loop)
Control sensitivity
td =10 µs
−
25
−µA/µs
Maximum allowed control current
I14
−−± 60
µA
Horizontal oscillator (pin 15)
C = 2.7 nF;
Rosc = 34.8 kΩ
Frequency (no sync)
f
−
15625
−
Hz
Spread (fixed external component,
no sync)
∆ f
−−± 4%
Frequency deviation between
starting point output signal
and stabilized condition
∆ f
−+ 5
+ 8%
Temperature coefficient
TC
−−1.10-4
−
/K
Horizontal output (pin 11)
(Open collector)
Output voltage high
V11
−−
13.2
V
Start voltage protection
(internal zener diode)
V11
13
−
15.8
V
Low input current (pin 16)
protection output enabled
I16
−
5.0
6.2
mA
Output voltage low start condition
I11 =10mA
V11
−
0.1
0.5
V
Duty factor output current
during starting
I16 = 6.2 mA
50
60
70
%
Output voltage low normal
condition
I11 =25mA
V11
−
0.3
0.5
V
Duty factor output current
without flyback pulse (pin 12)
45
50
55
%
Duration of the output pulse HIGH
td =10 µs
272931
µs
Controlled edge
positive
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com