Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2579B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA2579B
Description  Horizontal/vertical synchronization circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579B Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA2579B Datasheet HTML 1Page - NXP Semiconductors TDA2579B Datasheet HTML 2Page - NXP Semiconductors TDA2579B Datasheet HTML 3Page - NXP Semiconductors TDA2579B Datasheet HTML 4Page - NXP Semiconductors TDA2579B Datasheet HTML 5Page - NXP Semiconductors TDA2579B Datasheet HTML 6Page - NXP Semiconductors TDA2579B Datasheet HTML 7Page - NXP Semiconductors TDA2579B Datasheet HTML 8Page - NXP Semiconductors TDA2579B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
September 1990
3
Philips Semiconductors
Preliminary specification
Horizontal/vertical synchronization circuit
TDA2579B
QUICK REFERENCE DATA
PARAMETER
CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Minimum required current for starting
horizontal oscillator and output stage
I16
6.2
−−
mA
Main supply voltage
V10
−
12
−
V
Supply current
I10
−
70
−
mA
Input signals
Sync pulse input amplitude
V5(p-p)
0.05
−
1.0
V
Horizontal flyback pulse input current
I12
−
1
−
mA
Vertical comparator input signal
Voltage AC
V2
−
0.8
−
V
Voltage DC
V2
−
1
−
V
Output signals
Horizontal output (open collector)
I11 =25mA
V11
−−
0.5
V
Vertical output stage driver
(emitter follower) I1 = 1.5 mA
V1
5
−−
V
Sandcastle output levels
V17 burst-key
V17
9.8
−−
V
horizontal blanking
V17
−
4.5
−
V
vertical blanking
V17
−
2.5
−
V
Video transmitter identification output stage
(open collector loaded with external resistor to
positive supply). No sync. pulse present
V13
−−
0.5
V
I13
−−
5mA
Sync pulse present
divider ratio
> 576
V13
−
V10
−
V
divider ratio
< 576
V13
−
7.65
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com