Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2579C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA2579C
Description  Synchronization circuit with synchronized vertical divider system for 60 Hz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA2579C Datasheet HTML 9Page - NXP Semiconductors TDA2579C Datasheet HTML 10Page - NXP Semiconductors TDA2579C Datasheet HTML 11Page - NXP Semiconductors TDA2579C Datasheet HTML 12Page - NXP Semiconductors TDA2579C Datasheet HTML 13Page - NXP Semiconductors TDA2579C Datasheet HTML 14Page - NXP Semiconductors TDA2579C Datasheet HTML 15Page - NXP Semiconductors TDA2579C Datasheet HTML 16Page - NXP Semiconductors TDA2579C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
January 1994
13
Philips Semiconductors
Preliminary specification
Synchronization circuit with synchronized
vertical divider system for 60 Hz
TDA2579C
tOH
duration of output pulse HIGH
storage time
horizontal deflection
stage = 10
µs
27
29
31
µs
TC
temperature coefficient
−−4.10-2 −
K
∆HW/Hd
influence of delay time on pulse width of
horizontal output signal
−
0.16
−µs/µs
controlled edge
−
positive
−
Sandcastle output signal (pin 17)
V17
output voltage during:
burst key
9.8
10.4
−
V
horizontal blanking
Iload = 1 mA
4.1
4.5
4.9
V
vertical blanking
Iload = 0.3 mA
2.1
2.5
2.9
V
V17
zero level output voltage
Isink = 0.5 mA
−
0.7
−
V
tP
burst key pulse width
60 Hz
3.4
3.65
4
µs
V12
horizontal blanking level
−
1
−
V
vertical blanking
note 9
td1
phase position burst key time between
middle sync pulse at pin 5 and start burst
key pulse at pin 17
2.3
2.7
3.1
µs
td2
phase position burst key time between start
sync pulse at pin 5 and end of burst key
pulse at pin 17
60 Hz
−−
9.1
µs
Coincidence detector, video transmitter identification circuit and time constant switching levels (see Fig.1)
I18
detector output current
−
0.25
−
mA
V18
voltage level for in sync condition
ϕ1 normal
5.8
6.4
7
V
V18
voltage level for noisy sync pulse
ϕ1 slow and gated
9
10.1
−
V
V18
voltage level for noise only
note 10
−
0.3
−
V
V18
switching level:
normal to fast
<3.2
3.5
3.8
V
mute output active and fast to normal
<1.0
1.2
1.4
V
field period counter
3 periods fast
<0.08
0.12
0.16
V
normal to fast mute output inactive
locking
>1.5
1.75
2
V
fast to normal
locking
>4.7
5
5.3
V
normal to slow
gated sync pulse
>7.4
7.8
8.2
V
Video transmitter identification output (pin 13)
V13
output voltage active
no sync; I13 = 2 mA
−
0.15
0.32
V
I13
sink current active
no sync; V13 = 1 V
−−
5mA
I13
output current inactive
sync 60 Hz
−−
1
µA
60 Hz identification (pin 13) R13 positive supply 15 kΩ
V13
pnp emitter follower voltage
note 11
7.2
7.65
8.1
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com