Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2579C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA2579C
Description  Synchronization circuit with synchronized vertical divider system for 60 Hz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579C Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA2579C Datasheet HTML 1Page - NXP Semiconductors TDA2579C Datasheet HTML 2Page - NXP Semiconductors TDA2579C Datasheet HTML 3Page - NXP Semiconductors TDA2579C Datasheet HTML 4Page - NXP Semiconductors TDA2579C Datasheet HTML 5Page - NXP Semiconductors TDA2579C Datasheet HTML 6Page - NXP Semiconductors TDA2579C Datasheet HTML 7Page - NXP Semiconductors TDA2579C Datasheet HTML 8Page - NXP Semiconductors TDA2579C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
January 1994
3
Philips Semiconductors
Preliminary specification
Synchronization circuit with synchronized
vertical divider system for 60 Hz
TDA2579C
QUICK REFERENCE DATA
Note
1. Open collector loaded with external resistor to positive supply.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
I16
minimum required current for starting
horizontal oscillator and output stage
6.2
−−
mA
V10
main supply voltage
−
12
−
V
I10
supply current
−
70
−
mA
Input signals
V5-9
sync pulse input amplitude
0.05
−
1V
I12
horizontal flyback pulse input current
0.2
1
−
mA
V2
vertical comparator input voltage
AC (peak-to-peak value)
−
0.8
−
V
DC
−
1
−
V
Output signals
V11
horizontal output voltage
(open collector)
I11 = 25 mA
−−
0.5
V
V1
vertical output stage driver
(emitter follower)
I1 = 1.5 mA
5
−−
V
V17
sandcastle output voltage levels
burst key
9.8
−−
V
horizontal blanking
−
4.5
−
V
vertical blanking
−
2.5
−
V
VIDEO TRANSMITTER IDENTIFICATION OUTPUT; note 1
V13
output voltage
no sync pulse present
−−
0.32
V
I13
output current
no sync pulse present
−−
5mA
V13
output voltage
sync pulse present;
divider ratio <576
−
7.6
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com