Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003STR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD55003STR-E
Description  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003STR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD55003STR-E Datasheet HTML 4Page - STMicroelectronics PD55003STR-E Datasheet HTML 5Page - STMicroelectronics PD55003STR-E Datasheet HTML 6Page - STMicroelectronics PD55003STR-E Datasheet HTML 7Page - STMicroelectronics PD55003STR-E Datasheet HTML 8Page - STMicroelectronics PD55003STR-E Datasheet HTML 9Page - STMicroelectronics PD55003STR-E Datasheet HTML 10Page - STMicroelectronics PD55003STR-E Datasheet HTML 11Page - STMicroelectronics PD55003STR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Typical performance
PD55003-E
8/29
Doc ID 12273 Rev 4
Figure 11.
Power gain vs. output power
Figure 12.
Return loss vs. output power
0
1
234
5
6
7
Pout, OUTPUT POWER (W)
4
6
8
10
12
14
16
18
20
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
0
1
2
345
6
7
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
Figure 13.
Output power vs. bias current
Figure 14.
Drain efficiency vs. bias current
0
100
200
300
400
500
600
IDQ, BIAS CURRENT (mA)
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Vdd = 12.5 V
Pin=17.9 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
0
100
200
300
400
500
600
IDQ, BIAS CURRENT (mA)
0
10
20
30
40
50
60
Vdd = 12.5 V
Pin=17.9 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
Figure 15.
Output power vs. supply voltage
Table 8.
Drain efficiency vs. supply voltage
8
9
10
11
12
13
14
15
VDD, SUPPLY VOLTAGE (V)
1.5
2
2.5
3
3.5
Idq = 50 mA
Pin=17.9 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
8
9
10
11
12
13
14
15
VDD, SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
Idq = 50 mA
Pin=17.9 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com