Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003STR-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # PD55003STR-E
Description  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003STR-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PD55003STR-E Datasheet HTML 8Page - STMicroelectronics PD55003STR-E Datasheet HTML 9Page - STMicroelectronics PD55003STR-E Datasheet HTML 10Page - STMicroelectronics PD55003STR-E Datasheet HTML 11Page - STMicroelectronics PD55003STR-E Datasheet HTML 12Page - STMicroelectronics PD55003STR-E Datasheet HTML 13Page - STMicroelectronics PD55003STR-E Datasheet HTML 14Page - STMicroelectronics PD55003STR-E Datasheet HTML 15Page - STMicroelectronics PD55003STR-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Typical performance (860 MHz)
PD55003-E
12/29
Doc ID 12273 Rev 4
5
Typical performance (860 MHz)
5.1
Performance for the PowerSO-10RF formed lead
Figure 28.
Output power vs. input power
Figure 29.
Drain efficiency vs. output power
Figure 30.
Input return loss vs. output power
0
0.05
0.1
0.15
0.2
0.25
0.3
Pin (W)
0
1
2
3
4
5
Pout (W)
Vdd = 12.5V
Idq = 50 mA
01
2
3
4
5
Pout (W)
10
20
30
40
50
60
Nd (%)
Vdd = 12.5V
Idq = 50 mA
01
2
3
4
5
Pout (W)
-30
-25
-20
-15
-10
-5
0
Rl (dB)
Vdd = 12.5V
Idq = 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com