Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-120UC/21-21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLC-RSC-120UC/21-21
Description  PLC relay, consisting of base terminal block PLCBSC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLC-RSC-120UC/21-21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLC-RSC-120UC/21-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General data
PLC relay, consisting of base terminal block PLC-
BSC.../21 with screw connection and pluggable
miniature relay with power contact, for assembly on
mounting rail NS 35/7.5, 2 PDT, input voltage 120 V AC
/ 110 V DC
Order number
2967086
Type
PLC-RSC-120UC/21-21
Barcode number
4017918156398
Unit pack
10 Pcs.
Customs tariff
85364900990
Technical data
Coil side
Nominal input voltage UN
120 V AC
Nominal input voltage UN
110 V DC
Nominal input current at UN
4.5 mA (At UN = 120 V AC)
Nominal input current at UN
4.2 mA (At UN = 110 V DC)
Typical response time
7 ms
Typical release time
10 ms
Operating voltage display
Yes
Protective circuit/component
Bridge rectifier
PLC-RSC-120UC/21-21
Phoenix Contact GmbH & Co. KG
www.phoenixcontact.com
Jul 15, 2003
Page 1/8


Similar Part No. - PLC-RSC-120UC/21-21

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-120UC PHOENIX-PLC-RSC-120UC Datasheet
57Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
More results

Similar Description - PLC-RSC-120UC/21-21

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-230UC PHOENIX-PLC-RSC-230UC Datasheet
87Kb / 5P
PLC-INTERFACE, consisting of DIN-rail-mountable basic terminal block in 14 mm with screw connection
2900261 PHOENIX-2900261 Datasheet
82Kb / 4P
Relay base - PLC-BPT- 24DC/21RW
2900279 PHOENIX-2900279 Datasheet
67Kb / 3P
Relay base - PLC-BPT- 60DC/21
2900444 PHOENIX-2900444 Datasheet
67Kb / 3P
Relay base - PLC-BPT- 12DC/21
2900445 PHOENIX-2900445 Datasheet
67Kb / 3P
Relay base - PLC-BPT- 24DC/21
2966100 PHOENIX-2966100 Datasheet
70Kb / 3P
Relay base - PLC-BSC- 60DC/21
2966896 PHOENIX-2966896 Datasheet
71Kb / 4P
Relay base - PLC-BSC- 12DC/21
2967785 PHOENIX-2967785 Datasheet
70Kb / 3P
Relay base - PLC-BSC- 24UC/21HC
2967808 PHOENIX-2967808 Datasheet
69Kb / 4P
Relay base - PLC-BSC- 60DC/21HC
2900458 PHOENIX-2900458 Datasheet
469Kb / 15P
Relay base - PLC-BPT-TTL/1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com