Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-120UC/21-21 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PLC-RSC-120UC/21-21
Description  PLC relay, consisting of base terminal block PLCBSC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLC-RSC-120UC/21-21 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PLC-RSC-120UC/21-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLC-RSC-120UC/21-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Accessories
Item
Designation
Description
Assembly
0801733
NS 35/ 7,5 GELOCHT METER DIN rail, material: Steel, perforated, height 7.5 mm, width 35
mm, length: 2 m
0801681
NS 35/ 7,5 UNGELOCHT
METER
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801762
NS 35/ 7,5-CU UNGELOCHT
METER
DIN rail, material: Copper, unperforated, height 7.5 mm, width
35 mm, length: 2 m
0801377
NS 35/ 7,5-V2A UNGELOCHT
DIN rail, material: High-grade steel V2A, unperforated, height
5.5 mm, width 15 mm, length: 2 m
1201730
NS 35/15 GELOCHT METER
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNGELOCHT
METER
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNGELOCHT
METER
DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
1201756
NS 35/15-AL UNGELOCHT
METER
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15-CU UNGELOCHT
METER
DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
2966841
PLC-ATP BK
Separating plate, 2 mm thick, required at the start and end of a
PLC terminal strip. Furthermore, it is used for: -visual separation
of groups, -safe isolation of different voltages of neighboring
PLC relays in acc. with DIN VDE 0106-101, -isolation
Bridges
2966812
FBST 6-PLC BU
Plug-in bridge, 2-pos., 6 mm long, insulated, for potential
distribution with PLC, color of the insulation material: Blue
2966825
FBST 6-PLC GY
Plug-in bridge, 2-pos., 6 mm long, insulated, for potential
distribution with PLC, color of the insulation material: Gray
2966236
FBST 6-PLC RD
Plug-in bridge, 2-pos., 6 mm long, insulated, for potential
distribution with PLC, color of the insulation material: Red
2967688
FBST 8-PLC GY
Plug-in bridge, 2-pos., 8 mm long, insulated, for potential
distribution with PLC, with separating plate, color of the
insulation material: Gray
2967691
FBST 14-PLC BK
Plug-in bridge, 2-pos., 14 mm long, insulated, to increase
efficiency with PLC...IC and PLC..HC, color of the insulation
material: Black
2966692
FBST 500-PLC BU
Continuous plug-in bridge, 500 mm long, insulated, can be cut to
length, for potential distribution with PLC..., color of the
insulating material: Blue
2966838
FBST 500-PLC GY
Continuous plug-in bridge, 500 mm long, insulated, can be cut to
length, for potential distribution with PLC..., color of the
insulating material: Gray
2966786
FBST 500-PLC RD
Continuous plug-in bridge, 500 mm long, insulated, can be cut to
length, for potential distribution with PLC..., color of the
insulating material: Red
PLC-RSC-120UC/21-21
Phoenix Contact GmbH & Co. KG
www.phoenixcontact.com
Jul 15, 2003
Page 6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com