Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-35 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-35
Description  3.5W CV/CC Adapter using TNY264P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-35 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-35 Datasheet HTML 13Page - Power Integrations, Inc. DER-35 Datasheet HTML 14Page - Power Integrations, Inc. DER-35 Datasheet HTML 15Page - Power Integrations, Inc. DER-35 Datasheet HTML 16Page - Power Integrations, Inc. DER-35 Datasheet HTML 17Page - Power Integrations, Inc. DER-35 Datasheet HTML 18Page - Power Integrations, Inc. DER-35 Datasheet HTML 19Page - Power Integrations, Inc. DER-35 Datasheet HTML 20Page - Power Integrations, Inc. DER-35 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DER-35
Cell Phone Adapter TNY264
April 5, 2004
Page 17 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10.3 Drain Voltage and Current Start-up Profile
Figure 17
- 90 VAC Input and Maximum Load.
Upper: IDRAIN, 0.1 A / div.
Lower: VDRAIN, 100 V & 5us / div.
Figure 18
- 264 VAC Input and Maximum Load.
Upper: IDRAIN, 0.1 A / div.
Lower: VDRAIN, 200 V & 2us / div.
10.4 Load Transient Response (75% to 100% Load Step)
In the figures shown below, the oscilloscope was triggered using the load current step as
a trigger source.
Figure 19
– Transient Response, 115 VAC, 75-100-
75% Load Step.
Top: Load Current, 0.2 A/div.
Bottom: Output Voltage
200 mV, 1ms / div.
Figure 20
– Transient Response, 230 VAC, 75-100-
75% Load Step
Upper: Load Current, 0.2 A/ div.
Bottom: Output Voltage
200mV, 1ms / div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com