Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-40 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-40
Description  21W (45W peak) Multiple Output Power Supply using TOP246Y
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-40 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-40 Datasheet HTML 13Page - Power Integrations, Inc. DER-40 Datasheet HTML 14Page - Power Integrations, Inc. DER-40 Datasheet HTML 15Page - Power Integrations, Inc. DER-40 Datasheet HTML 16Page - Power Integrations, Inc. DER-40 Datasheet HTML 17Page - Power Integrations, Inc. DER-40 Datasheet HTML 18Page - Power Integrations, Inc. DER-40 Datasheet HTML 19Page - Power Integrations, Inc. DER-40 Datasheet HTML 20Page - Power Integrations, Inc. DER-40 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
DER-40
DVD/RW HDD PSU using TOP246Y
February 22, 2005
Page 17 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8.6
Transformer Spreadsheets
ACDC_TOPSwitchGX_032204; Rev.1.9;
Copyright Power Integrations Inc. 2004
INPUT
INFO
INFO
OUTPUT OUTPUT UNIT
TOP_GX_FX_032204.xls: TOPSwitch-GX/FX
Continuous/Discontinuous Flyback Transformer
Design Spreadsheet
ENTER APPLICATION VARIABLES
Customer
VACMIN
90
Volts
Minimum AC Input Voltage
VACMAX
265
Volts
Maximum AC Input Voltage
fL
50
Hertz
AC Mains Frequency
VO
5
Volts
Output Voltage
PO
45
Watts
Output Power
n
0.73
Efficiency Estimate
Z
0.5
Loss Allocation Factor
VB
15
Volts
Bias Voltage
tC
3
mSeconds Bridge Rectifier Conduction Time Estimate
CIN
136
uFarads
Input Filter Capacitor
ENTER TOPSWITCH-GX VARIABLES
TOP-GX
TOP246
Universal
115 Doubled/230V
Chosen Device
TOP246
TOP246 Power
Out
Power
Out
90W
125W
KI
0.7
External Ilimit reduction factor (KI=1.0 for default
ILIMIT, KI <1.0 for lower ILIMIT)
ILIMITMIN
1.701
1.701 Amps
Use 1% resistor in setting external ILIMIT
ILIMITMAX
2.079
2.079 Amps
Use 1% resistor in setting external ILIMIT
Frequency (F)=132kHz, (H)=66kHz
F
Full (F) frequency option - 132kHz
fS
132000
132000 Hertz
TOPSwitch-GX Switching Frequency: Choose
between 132 kHz and 66 kHz
fSmin
124000
124000 Hertz
TOPSwitch-GX Minimum Switching Frequency
fSmax
140000
140000 Hertz
TOPSwitch-GX Maximum Switching Frequency
VOR
103
Volts
Reflected Output Voltage
VDS
10
Volts
TOPSwitch on-state Drain to Source Voltage
VD
0.5
Volts
Output Winding Diode Forward Voltage Drop
VDB
0.7
Volts
Bias Winding Diode Forward Voltage Drop
KP
0.55
Ripple to Peak Current Ratio (0.4 < KRP < 1.0 : 1.0<
KDP<6.0)
ENTER TRANSFORMER CORE/CONSTRUCTION VARIABLES
Core Type
eel25
Core
EEL25
EEL25
P/N:
PC40EE25.4/32/6.4-Z
Bobbin
EEL25_BOBBIN
EEL25_BOBBIN
P/N:
*
AE
0.404
0.404 cm^2
Core Effective Cross Sectional Area
LE
7.34
7.34 cm
Core Effective Path Length
AL
1420
1420 nH/T^2
Ungapped Core Effective Inductance
BW
22.3
22.3 mm
Bobbin Physical Winding Width
M
6
mm
Safety Margin Width (Half the Primary to Secondary
Creepage Distance)
L
2
Number of Primary Layers
NS
3
Number of Secondary Turns
DC INPUT VOLTAGE PARAMETERS
VMIN
99
99 Volts
Minimum DC Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com