Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-40 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-40
Description  21W (45W peak) Multiple Output Power Supply using TOP246Y
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-40 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-40 Datasheet HTML 17Page - Power Integrations, Inc. DER-40 Datasheet HTML 18Page - Power Integrations, Inc. DER-40 Datasheet HTML 19Page - Power Integrations, Inc. DER-40 Datasheet HTML 20Page - Power Integrations, Inc. DER-40 Datasheet HTML 21Page - Power Integrations, Inc. DER-40 Datasheet HTML 22Page - Power Integrations, Inc. DER-40 Datasheet HTML 23Page - Power Integrations, Inc. DER-40 Datasheet HTML 24Page - Power Integrations, Inc. DER-40 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DER-40
DVD/RW HDD PSU using TOP246Y
February 22, 2005
Page 21 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Input Voltage
Efficiency
90Vac
76.4%
265Vac
78.2%
9.3
Standby Input Power
With E-load at 1W condition, 12VSB @ 2.5mA, 5VSB @20mA, Power Block 2 is loaded
@340mW.
Input Voltage
Input Power
110 Vac
836mW
230 Vac
860mW
9.4
Peak Load Margin
A Flyback power supply has lowest peak power capability at minimum AC voltage. The
DVD/R unit has very fluctuating power requirements, which are difficult to characterize. It
draws maximum power when switching signal inputs or inserting the DVD tray. A good test
for peak power margin is to see the minimum AC voltage that the unit can operate
normally. The unit is powered up at, and operated at a reduced AC input voltage. The unit
is cycled through different modes of operation – startup, eject, load, play, record, etc. The
DVD/RW HDD functions normally.
Input voltage
Result
75Vac
PASS
75 Vac is a very good result and implies there is plenty of margin for peak power capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com