Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # B7NK80Z
Description  N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B7NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  B7NK80Z Datasheet HTML 1Page - STMicroelectronics B7NK80Z Datasheet HTML 2Page - STMicroelectronics B7NK80Z Datasheet HTML 3Page - STMicroelectronics B7NK80Z Datasheet HTML 4Page - STMicroelectronics B7NK80Z Datasheet HTML 5Page - STMicroelectronics B7NK80Z Datasheet HTML 6Page - STMicroelectronics B7NK80Z Datasheet HTML 7Page - STMicroelectronics B7NK80Z Datasheet HTML 8Page - STMicroelectronics B7NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
October 2006
Rev 5
1/18
18
STP7NK80Z - STP7NK80ZFP
STB7NK80Z - STB7NK80Z-1
N-channel 800V - 1.5
Ω - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK
Zener-protected SuperMESH™ Power MOSFET
General features
■ Extremely high dv/dt capability
■ 100% avalange tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatibility
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage Power MOSFETs including revolutionary
MDmesh™ products.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STP7NK80Z
800V
< 1.8
Ω
5.2A
STP7NK80ZFP
800V
< 1.8
Ω
5.2A
STB7NK80Z
800V
< 1.8
Ω
5.2A
STB7NK80Z-1
800V
< 1.8
Ω
5.2A
TO-220
1
2
3
1
3
I2PAK
TO-220FP
D2PAK
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP7NK80Z
P7NK80Z
TO-220
Tube
STP7NK80ZFP
P7NK80ZFP
TO-220FP
Tube
STB7NK80ZT4
B7NK80Z
D²PAK
Tape e reel
STB7NK80Z-1
B7NK80Z-1
I²PAK
Tube


Similar Part No. - B7NK80Z

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - B7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
April 2003
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
23-May-2007
STP5NK80Z STMICROELECTRONICS-STP5NK80Z Datasheet
353Kb / 15P
N-channel 800V - 1.9廓 - 4.3A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
N-channel 600 V - 1 Ω - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
22-Nov-2007
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_07 Datasheet
522Kb / 16P
N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
27-Apr-2007
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
N-channel 800V - 1.3Ω - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
02-Jul-2007
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
17-Nov-2008
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_10 Datasheet
943Kb / 17P
N-channel 800 V, 1.5 Ω, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH™Power MOSFET
28-Mar-2010
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
N-channel 700V - 1.5Ω - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com