Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7NK80Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # B7NK80Z
Description  N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B7NK80Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button B7NK80Z Datasheet HTML 6Page - STMicroelectronics B7NK80Z Datasheet HTML 7Page - STMicroelectronics B7NK80Z Datasheet HTML 8Page - STMicroelectronics B7NK80Z Datasheet HTML 9Page - STMicroelectronics B7NK80Z Datasheet HTML 10Page - STMicroelectronics B7NK80Z Datasheet HTML 11Page - STMicroelectronics B7NK80Z Datasheet HTML 12Page - STMicroelectronics B7NK80Z Datasheet HTML 13Page - STMicroelectronics B7NK80Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test circuit
STP7NK80Z - STP7NK80ZFP - STB7NK80Z - STB7NK80Z-1
10/18
3
Test circuit
Figure 16.
Switching times test circuit for
resistive load
Figure 17.
Gate charge test circuit
Figure 18.
Test circuit for inductive load
switching and diode recovery times
Figure 19.
Unclamped Inductive load test
circuit
Figure 20.
Unclamped inductive waveform
Figure 21.
Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com