Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM10DAM02G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTM10DAM02G
Description  Boost chopper MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM10DAM02G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTM10DAM02G Datasheet HTML 1Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 2Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 3Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 4Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 5Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTM10DAM02G
www.microsemi.com
3 - 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
Transistor
0.1
RthJC
Junction to Case Thermal Resistance
Diode
0.14
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I Isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com