Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM10DAM02G Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTM10DAM02G
Description  Boost chopper MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM10DAM02G Datasheet(HTML) 6 Page - Microsemi Corporation

  APTM10DAM02G Datasheet HTML 1Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 2Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 3Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 4Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 5Page - Microsemi Corporation APTM10DAM02G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM10DAM02G
www.microsemi.com
6 - 6
Delay Times vs Current
td(on)
td(off)
0
100
200
300
400
500
600
50
150
250
350
450
550
650
ID, Drain Current (A)
VDS=66V
RG=1.25Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
50
100
150
200
250
300
50
150
250
350
450
550
650
ID, Drain Current (A)
VDS=66V
RG=1.25Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
Eoff
0
1
2
3
4
5
50
150
250
350
450
550
650
ID, Drain Current (A)
VDS=66V
RG=1.25Ω
TJ=125°C
L=100µH
Eon
Eoff
1
2
3
4
5
6
7
8
9
0
2.5
5
7.5
10
12.5
15
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=66V
ID=400A
TJ=125°C
L=100µH
Hard
switching
ZVS
ZCS
0
10
20
30
40
50
60
100
200
300
400
500
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=66V
D=50%
RG=1.25Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com