Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-99 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-99
Description  17.4 W Power Supply using TOP244P
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-99 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-99 Datasheet HTML 13Page - Power Integrations, Inc. DER-99 Datasheet HTML 14Page - Power Integrations, Inc. DER-99 Datasheet HTML 15Page - Power Integrations, Inc. DER-99 Datasheet HTML 16Page - Power Integrations, Inc. DER-99 Datasheet HTML 17Page - Power Integrations, Inc. DER-99 Datasheet HTML 18Page - Power Integrations, Inc. DER-99 Datasheet HTML 19Page - Power Integrations, Inc. DER-99 Datasheet HTML 20Page - Power Integrations, Inc. DER-99 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
DER-99
Set Top Box 17.4 W Power Supply
September 12, 2005
Page 17 of 29
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
CMS1
345
345 Cmils
Output Winding Bare Conductor minimum circular mils
AWGS1
24
24 AWG
Wire Gauge (Rounded up to next larger standard AWG
value)
DIAS1
0.51
0.51 mm
Minimum Bare Conductor Diameter
ODS1
2.95
2.95 mm
Maximum Outside Diameter for Triple Insulated Wire
2nd output
VO2
3.3
Volts
Output Voltage
IO2
1.000
Amps
Output DC Current
PO2
3.30
3.30 Watts
Output Power
VD2
0.5
Volts
Output Diode Forward Voltage Drop
NS2
2.07
2.07
Output Winding Number of Turns
ISRMS2
1.724
1.724 Amps
Output Winding RMS Current
IRIPPLE2
1.40
1.40 Amps
Output Capacitor RMS Ripple Current
PIVS2
17
17 Volts
Output Rectifier Maximum Peak Inverse Voltage
CMS2
345
345 Cmils
Output Winding Bare Conductor minimum circular mils
AWGS2
24
24 AWG
Wire Gauge (Rounded up to next larger standard AWG
value)
DIAS2
0.51
0.51 mm
Minimum Bare Conductor Diameter
ODS2
4.34
4.34 mm
Maximum Outside Diameter for Triple Insulated Wire
3rd output
VO3
9.0
Volts
Output Voltage
IO3
1.000
Amps
Output DC Current
PO3
9.00
9.00 Watts
Output Power
VD3
0.5
Volts
Output Diode Forward Voltage Drop
NS3
5.18
5.18
Output Winding Number of Turns
ISRMS3
1.724
1.724 Amps
Output Winding RMS Current
IRIPPLE3
1.40
1.40 Amps
Output Capacitor RMS Ripple Current
PIVS3
43
43 Volts
Output Rectifier Maximum Peak Inverse Voltage
CMS3
345
345 Cmils
Output Winding Bare Conductor minimum circular mils
AWGS3
24
24 AWG
Wire Gauge (Rounded up to next larger standard AWG
value)
DIAS3
0.51
0.51 mm
Minimum Bare Conductor Diameter
ODS3
1.74
1.74 mm
Maximum Outside Diameter for Triple Insulated Wire
Total power
17.4
17.4 Watts
Total Power for Multi-output section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com