Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-99 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-99
Description  17.4 W Power Supply using TOP244P
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-99 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-99 Datasheet HTML 17Page - Power Integrations, Inc. DER-99 Datasheet HTML 18Page - Power Integrations, Inc. DER-99 Datasheet HTML 19Page - Power Integrations, Inc. DER-99 Datasheet HTML 20Page - Power Integrations, Inc. DER-99 Datasheet HTML 21Page - Power Integrations, Inc. DER-99 Datasheet HTML 22Page - Power Integrations, Inc. DER-99 Datasheet HTML 23Page - Power Integrations, Inc. DER-99 Datasheet HTML 24Page - Power Integrations, Inc. DER-99 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DER-99
Set Top Box 17.4 W Power Supply
September 12, 2005
Page 21 of 29
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.6
Hold-Up Time and Power Good
Figure 14 – Hold-Up time. At Full Output Load. Top Trace is the AC Line Voltage, Middle trace 5V output,
Bottom Trace is the HV DC bus. AC voltage is 160 Vac.
Note: The AC line was interrupted for about 28ms. The power supply maintained output
regulation for the whole time the AC line was off.
AC Off
Power good
3V output
Figure 15
– 10mS/div. Holdup and power good. 160Vac, full load.
Notes:
• 3V output drops out >20 mS after AC turns off. (Spec is >16.7 mS)
• Power good goes down 10 mS before 3V (Spec is > 5mS)
• 160Vac is the worst case. Higher voltages show even greater holdup time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com