Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5124 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5124
Description  Single-Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5124 Datasheet HTML 17Page - Analog Devices AD5124 Datasheet HTML 18Page - Analog Devices AD5124 Datasheet HTML 19Page - Analog Devices AD5124 Datasheet HTML 20Page - Analog Devices AD5124 Datasheet HTML 21Page - Analog Devices AD5124 Datasheet HTML 22Page - Analog Devices AD5124 Datasheet HTML 23Page - Analog Devices AD5124 Datasheet HTML 24Page - Analog Devices AD5124 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
AD5121/AD5141
THEORY OF OPERATION
analog.com
Rev. E | 21 of 30
I2C SERIAL DATA INTERFACE
The AD5141 has 2-wire, I2C-compatible serial interface. These
devices can be connected to an I2C bus as a target device, under
the control of a controller device. See Figure 3 for a timing diagram
of a typical write sequence.
The AD5141 supports standard (100 kHz) and fast (400 kHz) data
transfer modes. Support is not provided for 10-bit addressing and
general call addressing.
The 2-wire serial bus protocol operates as follows:
1. The controller initiates a data transfer by establishing a start
condition, which is when a high-to-low transition on the SDA
line occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit target address and an R/W
bit. The target device corresponding to the transmitted address
responds by pulling SDA low during the ninth clock pulse (this is
called the acknowledge bit). At this stage, all other devices on
the bus remain idle while the selected device waits for data to
be written to, or read from, its shift register.
If the R/W bit is set high, the controller reads from the target
device. However, if the R/W bit is set low, the controller writes to
the target device.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge bit).
The transitions on the SDA line must occur during the low
period of SCL and remain stable during the high period of SCL.
3. When all data bits have been read from or written to, a stop
condition is established. In write mode, the controller pulls the
SDA line high during the tenth clock pulse to establish a stop
condition. In read mode, the controller issues a no acknowledge
for the ninth clock pulse (that is, the SDA line remains high).
The controller then brings the SDA line low before the tenth
clock pulse, and then high again during the tenth clock pulse to
establish a stop condition.
I2C Address
The AD5121/AD5141 has two different pin address options availa-
ble, as shown in Table 12.
Table 12. 16-Lead LFCSP Device Address Selection
ADDR0 Pin
ADDR1 Pin
7-Bit I2C Device Address
VLOGIC
VLOGIC
0100000
No connect1
VLOGIC
0100010
GND
VLOGIC
0100011
VLOGIC
No connect1
0101000
No connect1
No connect1
0101010
GND
No connect1
0101011
VLOGIC
GND
0101100
No connect1
GND
0101110
GND
GND
0101111
1 Not available in bipolar mode (VSS < 0 V) or in low voltage mode (VLOGIC = 1.8
V).
Write Operation
When writing to the AD5121/AD5141, the user must begin with a
start command followed by an address byte (R/W = 0), after which
the device acknowledges that it is prepared to receive data by
pulling SDA low.
Two bytes of data are then written to the DAC, the most significant
byte followed by the least significant byte. Both of these data
bytes are acknowledged by the AD5121/AD5141. A stop condition
follows. The write operations for the AD5121/AD5141 are shown in
Figure 42 and Figure 43.
A repeated write function gives the user flexibility to update the
device a number of times after addressing the device only once, as
shown in Figure 43.
Figure 42. AD5121/AD5141 Interface Write Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com