Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5124 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5124
Description  Single-Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5124 Datasheet HTML 22Page - Analog Devices AD5124 Datasheet HTML 23Page - Analog Devices AD5124 Datasheet HTML 24Page - Analog Devices AD5124 Datasheet HTML 25Page - Analog Devices AD5124 Datasheet HTML 26Page - Analog Devices AD5124 Datasheet HTML 27Page - Analog Devices AD5124 Datasheet HTML 28Page - Analog Devices AD5124 Datasheet HTML 29Page - Analog Devices AD5124 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
AD5121/AD5141
THEORY OF OPERATION
analog.com
Rev. E | 29 of 30
Table 20. End-to-End Resistance Tolerance Bytes
Memory Map Address
Data Byte
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0x02
Sign
26
25
24
23
22
21
20
0x03
2−1
2−2
2−3
2−4
2−5
2−6
2−7
2−8
TERMINAL VOLTAGE OPERATING RANGE
The AD5121/AD5141 are designed with internal ESD diodes for
protection. These diodes also set the voltage boundary of the
terminal operating voltages. Positive signals present on Terminal
A, Terminal B, or Terminal W that exceed VDD are clamped by the
forward-biased diode. There is no polarity constraint between VA,
VW, and VB, but they cannot be higher than VDD or lower than VSS.
Figure 48. Maximum Terminal Voltages Set by VDD and VSS
POWER-UP SEQUENCE
Because there are diodes to limit the voltage compliance at Termi-
nal A, Terminal B, and Terminal W (see Figure 48), it is important to
power up VDD first before applying any voltage to Terminal A, Termi-
nal B, and Terminal W. Otherwise, the diode is forward-biased such
that VDD is powered unintentionally. The ideal power-up sequence
is VSS, VDD, VLOGIC, digital inputs, and VA, VB, and VW. The order
of powering VA, VB, VW, and digital inputs is not important as long
as they are powered after VSS, VDD, and VLOGIC. Regardless of the
power-up sequence and the ramp rates of the power supplies, once
VLOGIC is powered, the power-on preset activates, which restores
EEPROM values to the RDAC registers.
LAYOUT AND POWER SUPPLY BIASING
It is always a good practice to use a compact, minimum lead
length layout design. Ensure that the leads to the input are as
direct as possible with a minimum conductor length. Ground paths
should have low resistance and low inductance. It is also good
practice to bypass the power supplies with quality capacitors. Apply
low equivalent series resistance (ESR) 1 µF to 10 µF tantalum
or electrolytic capacitors at the supplies to minimize any transient
disturbance and to filter low frequency ripple. Figure 49 illustrates
the basic supply bypassing configuration for the AD5121/AD5141.
Figure 49. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com