Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 35Page - Analog Devices AD7293BCPZ Datasheet HTML 36Page - Analog Devices AD7293BCPZ Datasheet HTML 37Page - Analog Devices AD7293BCPZ Datasheet HTML 38Page - Analog Devices AD7293BCPZ Datasheet HTML 39Page - Analog Devices AD7293BCPZ Datasheet HTML 40Page - Analog Devices AD7293BCPZ Datasheet HTML 41Page - Analog Devices AD7293BCPZ Datasheet HTML 42Page - Analog Devices AD7293BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 39 of 79
Table 33. Digital Input/Output Function Register (Register 0x12)
Bit Number(s)
Bit Name
Description
[D15:D8]
Reserved
Reserved
D7
Pin 6
0: LDAC (default)
1: GPIO7
D6
Pin 4
0: SLEEP1 (default)
1: GPIO6
D5
Pin 3
0: SLEEP0 (default)
1: GPIO5
D4
Pin 2
0: ALERT1 (default)
1: GPIO4
D3
Pin 53
0: ALERT0
1: GPIO3 (default)
D2
Pin 54
0: BUSY
1: GPIO2 (default)
D1
Pin 55
0: CONVST
1: GPIO1 (default)
D0
Pin 56
0: IS BLANK
1: GPIO0 (default)
Table 34. Digital Functional Polarity Register (Register 0x13)
Bit Number(s)
Bit Name
Description
[D15:D8]
Reserved
Reserved
D7
LDAC
0: LDAC is active high
1: LDAC is active low (default)
D6
SLEEP1
0: SLEEP1 is active high (default)
1: SLEEP1 is active low
D5
SLEEP0
0: SLEEP0 is active high (default)
1: SLEEP0 is active low
D4
ALERT1
0: ALERT1 is active high
1: ALERT1 is active low (default)
D3
ALERT0
0: ALERT0 is active high (default)
1: ALERT0 is active low
D2
BUSY
0: BUSY is active high (default)
1: BUSY is active low
D1
CONVST
0: CONVST is active high (default)
1: CONVST is active low
D0
IS BLANK
0: IS BLANK is active high (default)
1: IS BLANK is active low
Table 35. General Register (Register 0x14)
Bit Number(s)
Bit Name
Description
[D15:D8]
Reserved
Reserved
D7
ADC_REF
0: external reference (default)
1: internal reference
D6
GPIO ALERT1 routing
0: feature disabled (default)
1: GPIO0 to GPIO3 status routed to ALERT1 if configured as general-purpose input
[D5:D4]
MISO speed
00: maximum (default)
01: fast
10: slow
11: minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com